Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK10417MTL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK10417MTL
Description  POWER AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK10417MTL Datasheet(HTML) 8 Page - TOKO, Inc

  TK10417MTL Datasheet HTML 1Page - TOKO, Inc TK10417MTL Datasheet HTML 2Page - TOKO, Inc TK10417MTL Datasheet HTML 3Page - TOKO, Inc TK10417MTL Datasheet HTML 4Page - TOKO, Inc TK10417MTL Datasheet HTML 5Page - TOKO, Inc TK10417MTL Datasheet HTML 6Page - TOKO, Inc TK10417MTL Datasheet HTML 7Page - TOKO, Inc TK10417MTL Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
January 2000 TOKO, Inc.
TK10417
Marking Information
Marking
TK10417
417
SOT23L-8
PACKAGE OUTLINE
Printed in the USA
© 1999 Toko, Inc.
All Rights Reserved
TOKO AMERICA REGIONAL OFFICES
Toko America, Inc. Headquarters
1250 Feehanville Drive, Mount Prospect, Illinois 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Western Regional Office
Toko America, Inc.
2480 North First Street , Suite 260
San Jose, CA 95131
Tel: (408) 432-8281
Fax: (408) 943-9790
Midwest Regional Office
Toko America, Inc.
1250 Feehanville Drive
Mount Prospect, IL 60056
Tel: (847) 297-0070
Fax: (847) 699-7864
Eastern Regional Office
Toko America, Inc.
107 Mill Plain Road
Danbury, CT 06811
Tel: (203) 748-6871
Fax: (203) 797-1223
IC-231-TK11031
0798O0.0K
Visit our Internet site at http://www.tokoam.com
Semiconductor Technical Support
Toko Design Center
4755 Forge Road
Colorado Springs, CO 80907
Tel: (719) 528-2200
Fax: (719) 528-2375
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its
products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of
third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
0.8
0.8
3.3
0.4
2.2
0.3
Recommended Mount Pad
5
1
e
4
e
8
0.1
0.1
0.45
(3.4)
3.5
marking
Dimensions are shown in millimeters
Tolerance: x.x =
± 0.2 mm (unless otherwise specified)
+0.3
- 0.1
+ 0.3
+0.15
- 0.05
M


Similar Part No. - TK10417MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK10415 TOKO-TK10415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415M TOKO-TK10415M Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415MTL TOKO-TK10415MTL Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415MTL/415 TOKO-TK10415MTL/415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415TL TOKO-TK10415TL Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
More results

Similar Description - TK10417MTL

ManufacturerPart #DatasheetDescription
logo
RFHIC
RFM1842-10 RFHIC-RFM1842-10 Datasheet
220Kb / 3P
   Power Amplifier
RFA0902-04 RFHIC-RFA0902-04 Datasheet
171Kb / 3P
   Power Amplifier
RFW0902-10 RFHIC-RFW0902-10 Datasheet
158Kb / 3P
   Power Amplifier
logo
M/A-COM Technology Solu...
XP1003-BD MA-COM-XP1003-BD_15 Datasheet
554Kb / 6P
   Power Amplifier
XP1005-BD-V2 MA-COM-XP1005-BD-V2 Datasheet
899Kb / 9P
   Power Amplifier
logo
List of Unclassifed Man...
STK2038II ETC-STK2038II Datasheet
195Kb / 4P
   POWER AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011027 MA-COM-MAAP-011027_15 Datasheet
1Mb / 8P
   Amplifier, Power
MAAP-011170 MA-COM-MAAP-011170 Datasheet
2Mb / 6P
   Power Amplifier
MAAP-011199 MA-COM-MAAP-011199 Datasheet
1Mb / 9P
   Power Amplifier
logo
Analog Devices
HMC8114 AD-HMC8114 Datasheet
237Kb / 10P
   Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com