Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK10416M Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK10416M
Description  DYNAMIC SPEAKER DRIVE AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK10416M Datasheet(HTML) 4 Page - TOKO, Inc

  TK10416M Datasheet HTML 1Page - TOKO, Inc TK10416M Datasheet HTML 2Page - TOKO, Inc TK10416M Datasheet HTML 3Page - TOKO, Inc TK10416M Datasheet HTML 4Page - TOKO, Inc TK10416M Datasheet HTML 5Page - TOKO, Inc TK10416M Datasheet HTML 6Page - TOKO, Inc TK10416M Datasheet HTML 7Page - TOKO, Inc TK10416M Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
December 1999 TOKO, Inc.
TK10416
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
160
SUPPLY CURRENT vs.
OUTPUT POWER
POUT (mW)
0
0
50
100
150
200
250
300
20
RL = 8 Ω
40
80
100
140
120
RL = 16 Ω
RL = 32 Ω
VCC = 5 V, GV = 34 dB
60
4
SUPPLY CURRENT AND
OUTPUT VOLTAGE vs.
INPUT VOLTAGE
VCC (V)
0
1
2
3
4
5
6
7
1
2
3
RL = ∞
ICC
VOUT1
10
TOTAL HARMONIC DISTORTION vs.
OUTPUT POWER
POUT (mW)
0
0
50
100
150
200
250
V
CC
= 3.6 V,
GV = 34 dB,
f = 1 kHz
RL = 16 Ω
2
4
6
8
RL = 8 Ω
RL = 32 Ω
10
TOTAL HARMONIC DISTORTION vs.
OUTPUT POWER
POUT (mW)
0
0
100
200
300
400
V
CC
= 5 V,
GV = 34 dB,
f = 1 kHz
RL = 16 Ω
2
4
6
8
RL = 8 Ω
RL = 32Ω
10
TOTAL HARMONIC DISTORTION vs.
FREQUENCY
f (kHz)
0.1
0.1
1
10
1
RL = 8 Ω
RL = 16 Ω
RL = 32 Ω
V
CC
= 3 V,
GV = 34 dB,
POUT = 60 mW
55
RIPPLE REJECTION RATIO vs.
FREQUENCY
f (kHz)
20
0.1
1
10
100
40
35
25
50
30
45
100 µF
47 µF
22 µF
10 µF
GV = 34 dB,
Cref = 10 µ to 100 µ


Similar Part No. - TK10416M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK10415 TOKO-TK10415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415M TOKO-TK10415M Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415MTL TOKO-TK10415MTL Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415MTL/415 TOKO-TK10415MTL/415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
TK10415TL TOKO-TK10415TL Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
More results

Similar Description - TK10416M

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1157 OKI-MSC1157 Datasheet
143Kb / 14P
   Speaker Drive Amplifier
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
   DIRECT DRIVE SPEAKER AMPLIFIER
logo
TOKO, Inc
TK10415 TOKO-TK10415 Datasheet
53Kb / 8P
   CERAMIC SPEAKER DRIVE AMPLIFIER
logo
Soberton Inc.
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
   Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
   Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
   Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
   Dynamic Speaker
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
   Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
   Dynamic Speaker
SP-1605 SOBERTON-SP-1605 Datasheet
215Kb / 5P
   Dynamic Speaker
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com