Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP4-3L0-2E2-1Q1-4LL046-A Datasheet(PDF) 9 Page - Emerson Network Power

Part # IMP4-3L0-2E2-1Q1-4LL046-A
Description  Up to 1500 Watts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IMP4-3L0-2E2-1Q1-4LL046-A Datasheet(HTML) 9 Page - Emerson Network Power

  IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 1Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 2Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 3Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 4Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 5Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 6Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 7Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 8Page - Emerson Network Power IMP4-3L0-2E2-1Q1-4LL046-A Datasheet HTML 9Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev. 7.9.09_77
iMP Series
9 of 9
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Americas
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
Telephone: +852 2176 3333
Facsimile: +852 2176 3888
For global contact, visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
While every precaution has been taken to ensure
accuracy and completeness in this literature, Emerson
Network Power assumes no responsibility, and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2009 Emerson Electric Co.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
Outside Plant
Power Switching & Controls
Precision Cooling
Racks & Integrated Cabinets
Services
Surge Protection
Emerson Network Power.
The global leader in enabling
business-critical continuity.
AC Power
Connectivity
DC Power
Optional CANBUS or RS485 Interface
The RS485/CAN-to-I2C uses 2 Input Protocols and 1 Output Protocol.
The Input Protocols used are RS485 using Modbus (Command Index: 0x01), and CAN using modified
Modus (Command Index: 0x02).
The Output Protocol use is: I2C with SMBus support (Command Index: 0x80).
M aster/C lient D evice(s)
A dapter
O utput P rotocols
Slave/Server D evice(s)
Adapter Protocol
Input Protocols
A dapter C om m and
R S485 using
M odbus
A dapter C ontrols
C AN using
M odified M odbus
I2C w ith SM B us
Support
RS485/CAN - to - I2C
For Detailed Info, Download the Software Requirements Specification (SRS) from
www.PowerConversion.com/imp
iMP CAN RS485


Similar Part No. - IMP4-3L0-2E2-1Q1-4LL046-A

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
IMP4-3A0-00-A-XXX ASTEC-IMP4-3A0-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP4-3A0-02-A-XXX ASTEC-IMP4-3A0-02-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP4-3A1-00-A-XXX ASTEC-IMP4-3A1-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP4-3A1-02-A-XXX ASTEC-IMP4-3A1-02-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
IMP4-3B0-00-A-XXX ASTEC-IMP4-3B0-00-A-XXX Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
More results

Similar Description - IMP4-3L0-2E2-1Q1-4LL046-A

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
MP4-1Q-4LQ-00 ARTESYN-MP4-1Q-4LQ-00 Datasheet
3Mb / 9P
   Up to 1500 Watts
logo
Astec America, Inc
IMP ASTEC-IMP Datasheet
809Kb / 8P
   Intelligent MP Series Up to 1500 Watts
logo
Vicor Corporation
VI-ARMX1XX VICOR-VI-ARMX1XX Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM_17 Datasheet
676Kb / 11P
   Autoranging Rectifier Modules Up to 1500 Watts
VI-ARM VICOR-VI-ARM Datasheet
302Kb / 12P
   Autoranging Rectifier Modules Up to 1500 Watts
logo
XP Power Limited
HDS1500PS12 XPPOWER-HDS1500PS12 Datasheet
1Mb / 6P
   1500 Watts
logo
Wall Industries,Inc.
LANK WALL-LANK Datasheet
95Kb / 2P
   UP TO 4 WATTS
logo
XP Power Limited
HPU1K5PS12 XPPOWER-HPU1K5PS12 Datasheet
2Mb / 8P
   Output Power up to 1500 W
logo
Artesyn Technologies
IMP1-3L0-2E2-1Q1-4LL0 ARTESYN-IMP1-3L0-2E2-1Q1-4LL0 Datasheet
3Mb / 9P
   Total Power: Up to 1500 W
logo
XP Power Limited
HPU1K5 XPPOWER-HPU1K5_16 Datasheet
784Kb / 4P
   1500 Watts HPU1K5 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com