Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC80C51XXX-25MA Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # TSC80C51XXX-25MA
Description  CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC80C51XXX-25MA Datasheet(HTML) 6 Page - TEMIC Semiconductors

Back Button TSC80C51XXX-25MA Datasheet HTML 2Page - TEMIC Semiconductors TSC80C51XXX-25MA Datasheet HTML 3Page - TEMIC Semiconductors TSC80C51XXX-25MA Datasheet HTML 4Page - TEMIC Semiconductors TSC80C51XXX-25MA Datasheet HTML 5Page - TEMIC Semiconductors TSC80C51XXX-25MA Datasheet HTML 6Page - TEMIC Semiconductors TSC80C51XXX-25MA Datasheet HTML 7Page - TEMIC Semiconductors TSC80C51XXX-25MA Datasheet HTML 8Page - TEMIC Semiconductors TSC80C51XXX-25MA Datasheet HTML 9Page - TEMIC Semiconductors TSC80C51XXX-25MA Datasheet HTML 10Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TSC80C31/80C51
Rev. E (14 Jan.97)
6
MATRA MHS
The flag bits GF0 and GF1 may be used to determine
whether the interrupt was received during normal
execution or during the Idle mode. For example, the
instruction that writes to PCON.0 can also set or clear one
or both flag bits. When Idle mode is terminated by an
enabled interrupt, the service routine can examine the
status of the flag bits.
The second way of terminating the Idle mode is with a
hardware reset. Since the oscillator is still running, the
hardware reset needs to be active for only 2 machine
cycles (24 oscillator periods) to complete the reset
operation.
Power Down Mode
The instruction that sets PCON.1 is the last executed prior
to entering power down. Once in power down, the
oscillator is stopped. The contents of the onchip RAM and
the Special Function Register is saved during power down
mode. The hardware reset initiates the Special Fucntion
Register. In the Power Down mode, VCC may be lowered
to mi-nimize circuit power consumption. Care must be
taken to ensure the voltage is not reduced until the power
down mode is entered, and that the voltage is restored
before the hardware reset is applied which freezes the
oscillator. Reset should not be released until the oscillator
has restarted and stabilized. A hardware reset is the only
way of exiting the power down mode.
Table 1 describes the status of the external pins while in
the power down mode. It should be noted that if the power
down mode is activated while in external program
memory, the port data that is held in the Special Function
Register P2 is restored to Port 2. If the data is a 1, the port
pin is held high during the power down mode by the
strong pullup, T1, shown in Figure 4.
Table 1. Status of the external pins during idle and power down modes.
MODE
PROGRAM MEMORY
ALE
PSEN
PORT0
PORT1
PORT2
PORT3
Idle
Internal
1
1
Port Data
Port Data
Port Data
Port Data
Idle
External
1
1
Floating
Port Data
Address
Port Data
Power Down
Internal
0
0
Port Data
Port Data
Port Data
Port Data
Power Down
External
0
0
Floating
Port Data
Port Data
Port Data
Stop Clock Mode
Due to static design, the TSC80C31/80C51 clock speed
can be reduced until 0 MHz without any data loss in
memory or registers. This mode allows step by step
utilization, and permits to reduce system power
consumption by bringing the clock frequency down to
any value. At 0 MHz, the power consumption is the same
as in the Power Down Mode.
I/O Ports
The I/O buffers for Ports 1, 2 and 3 are implemented as
shown in Figure 4.
Figure 4. I/O Buffers in the TSC80C31/80C51 (Ports
1, 2, 3).


Similar Part No. - TSC80C51XXX-25MA

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TSC80251 TEMIC-TSC80251 Datasheet
771Kb / 219P
   TSC 80251 Programmer?셲 Guide
TSC80251-SK TEMIC-TSC80251-SK Datasheet
878Kb / 63P
   8/16-bit Microcontroller with Serial Communication Interfaces
TSC80251-SK TEMIC-TSC80251-SK Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
TSC80251A1 TEMIC-TSC80251A1 Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
TSC80251A1-A16CBR TEMIC-TSC80251A1-A16CBR Datasheet
776Kb / 166P
   Extended 8-bit Microcontroller with Analog Interfaces
More results

Similar Description - TSC80C51XXX-25MA

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
P80C32 TEMIC-P80C32 Datasheet
221Kb / 20P
   CMOS 0 to 44 MHz Single Chip 8-bit Microntroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C31X2 TEMIC-TS80C31X2 Datasheet
484Kb / 40P
   8-bit CMOS Microcontroller 0-60 MHz
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com