Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11052M Datasheet(PDF) 9 Page - TOKO, Inc

Part # TK11052M
Description  THERMOSTAT IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11052M Datasheet(HTML) 9 Page - TOKO, Inc

Back Button TK11052M Datasheet HTML 4Page - TOKO, Inc TK11052M Datasheet HTML 5Page - TOKO, Inc TK11052M Datasheet HTML 6Page - TOKO, Inc TK11052M Datasheet HTML 7Page - TOKO, Inc TK11052M Datasheet HTML 8Page - TOKO, Inc TK11052M Datasheet HTML 9Page - TOKO, Inc TK11052M Datasheet HTML 10Page - TOKO, Inc TK11052M Datasheet HTML 11Page - TOKO, Inc TK11052M Datasheet HTML 12Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
July 1999 TOKO, Inc.
Page 9
TK11052
APPLICATION HINTS (CONT.)
V
REF x TSH x TC
R
b =
(0.4925 + T
SET x TC - TSH x TC) x ISH
1183 x T
SH
IN1
OUT1
IN2
OUT2
VCC
GND
Vref
NC
36 k
62 k
31.8 k
Ω 78.1 kΩ
VCC
300 k
VCC
Protected
Circuit
Temperature (
°C)
010
80
90
OUT1
OUT2
OUT1 + OUT2
"H"
"L"
"L"
"H"
"L"
"L"
"H"
=
x 103
181.07 - (T
SET - TSH)
(9)
80.74 + (T
SET - TSH)
1183 x T
SH
R
a =
x 103
181.07 - (T
SET - TSH)
1183 x T
SH
R
b =
x 103
Example:
R
a and Rb when set temperature is 0 °C and temperature hysteresis is 5 °C.
= 78.096 x 103
≈ 78.1 kΩ
= 31.789 x 103
≈ 31.8 kΩ
Thermostat IC Application
Example:
• WINDOW TYPE OUTPUT
The following application protects the circuit within the operating temperature range of 0 to 85
°C. When the temperature
is 0
°C or less, or 85 °C or more, the N channel Mos transistor is turned OFF.
When the temperature returns to between 5 and 80
°C by the hysteresis function, the N channel Mos transistor is turned
ON.
• TEMPERATURE FUSE
The following application is a temperature fuse circuit. The output of the TK11052M becomes a High Level when the
surrounding temperature exceeds 85
°C and the P channel Mos transistor is turned off. Even if the surrounding
temperature drops, the P channel Mos transistor remains off.
IN1
OUT1
IN2
OUT2
VCC
GND
Vref
NC
62 k
VCC
300 k
VCC
Protected
Circuit
Temperature (
°C)
010
80
90
OUT1
OUT2
"L"
"H"
"L"
32 k
0.1 µF
VCC
1.011 V


Similar Part No. - TK11052M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11050 TOKO-TK11050 Datasheet
56Kb / 8P
   TEMPERATURE CONTROLLER IC
TK11050M TOKO-TK11050M Datasheet
56Kb / 8P
   TEMPERATURE CONTROLLER IC
TK11050MTL TOKO-TK11050MTL Datasheet
56Kb / 8P
   TEMPERATURE CONTROLLER IC
TK11051 TOKO-TK11051 Datasheet
55Kb / 8P
   TEMPERATURE CONTROLLER IC
TK11051M TOKO-TK11051M Datasheet
55Kb / 8P
   TEMPERATURE CONTROLLER IC
More results

Similar Description - TK11052M

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5840B SII-S5840B Datasheet
179Kb / 15P
   TEMPERATURE SWITCH IC (THERMOSTAT IC) WITH LATCH
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDEXXX0G ROHM-BDEXXX0G Datasheet
265Kb / 9P
   Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
logo
List of Unclassifed Man...
KSD301 ETC1-KSD301 Datasheet
1Mb / 6P
   Thermostat
logo
Fuji Electric
EDS11-141B FUJI-EDS11-141B Datasheet
187Kb / 4P
   DIGITAL THERMOSTAT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com