Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11230MBX Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK11230MBX
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11230MBX Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK11230MBX Datasheet HTML 7Page - TOKO, Inc TK11230MBX Datasheet HTML 8Page - TOKO, Inc TK11230MBX Datasheet HTML 9Page - TOKO, Inc TK11230MBX Datasheet HTML 10Page - TOKO, Inc TK11230MBX Datasheet HTML 11Page - TOKO, Inc TK11230MBX Datasheet HTML 12Page - TOKO, Inc TK11230MBX Datasheet HTML 13Page - TOKO, Inc TK11230MBX Datasheet HTML 14Page - TOKO, Inc TK11230MBX Datasheet HTML 15Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TK112xx
January, 1996 TOKO, Inc.
Page 11
1-3-96
TK12XX • TPC07
LOAD TRANSIENT RESPONSE
TA = 25 °C
I
O
VO
50
µs/DIV
IO = 60 mA
IO = 0 mA
TK112XX • TPC08
SHUTDOWN CONTROL (OFF-ON)
TA = 25 °C
SD
VO
50
µs/DIV
CL=10
µF
CL=3.3
µF
CP=.001
CP=.1
CP=.01
CP=.001
CP=.1
CP=.01
TK112XX • TPC09
NOISE LEVEL vs.
BYPASS CAPACITOR (pF)
TA = 25 °C
Cp
1 pF
10 pF
100 pF
.001
µF
.01
µF
.1
µF
200
150
100
50
0
TK11250
TK11220
CL = 3.3
µF
CL = 3.3
µF
CL = 10
µF
CL = 10
µF
IO = 60 mA
0
TK112XX • TPC13
–50
TA (°C)
100
0
50
CONTROL PIN VOLTAGE vs.
TEMPERATURE
2.0
1.0
120
TK112XX • TPC14
–50
100
0
50
OUTPUT CURRENT vs.
TEMPERATURE
140
160
180
200
TA (°C)
0
2.5
TK112XX • TPC10
5
–50
TA (°C)
100
VIN = VO +1V
IO = 60 mA
0
50
QUIESCENT CURRENT vs.
TEMPERATURE
IO = 30 mA
0
TK112XX • TPC11
–50
TA (°C)
100
0
50
DROPOUT VOLTAGE vs.
TEMPERATURE
500
400
300
200
100
IO = 60 mA
IO = 30 mA
0
TK112XX • TPC12
–50
TA (°C)
100
0
50
CONTROL PIN CURRENT vs.
TEMPERATURE
50
40
30
20
10
VCONT = 5 V
VCONT = 2.4 V
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C unless otherwise specified.


Similar Part No. - TK11230MBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11230A TOKO-TK11230A Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11230AMBX TOKO-TK11230AMBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11230AMTB TOKO-TK11230AMTB Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11230AMTL TOKO-TK11230AMTL Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11230AUBX TOKO-TK11230AUBX Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11230MBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com