Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRV2400 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # IRV2400
Description  HIGH POWER, WIRE WOUND, METAL CLAD RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

IRV2400 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  IRV2400 Datasheet HTML 1Page - RHOPOINT COMPONENTS IRV2400 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Web: www.
rhopointcomponents.com
Email: s
ales@rhopointcomponents.com
DIMENSIONS
Dimensions [mm]
Model
L1+-2
L2+-2
L3+-2
H+-1
W+-0.5
Weight
[Kg]
IRV1600
330
315
290
100
50
2.5
IRV2000
440
385
360
100
50
3.1
IRV2400
480
465
440
100
50
3.7
IRV2800
550
535
510
100
50
4.3
FLYING LEADS
Model
5.5mm2
2mm2
UL3512 AWG14
LKGB-600V 2mm2
IRV1600
Optional
2.5ohm +
Optional
Optional
IRV2000
Optional
3.2ohm +
Optional
Optional
IRV2400
Optional
4.0ohm +
Optional
Optional
IRV2800
Optional
4.5ohm +
Optional
Optional
ORDERING PROCEDURE EXAMPLE


Similar Part No. - IRV2400

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRV300 MURATA1-IRV300 Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
IRV300-12W80 MURATA1-IRV300-12W80 Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
IRV300-12W80-C MURATA1-IRV300-12W80-C Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
IRV300-12W80H-C MURATA1-IRV300-12W80H-C Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
IRV300-24W80 MURATA1-IRV300-24W80 Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
More results

Similar Description - IRV2400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRV600 ETC-IRV600 Datasheet
1Mb / 2P
   Metal Clad Wire Wound Resistors
IRC40 ETC-IRC40 Datasheet
875Kb / 2P
   compact type metal clad wire wound resistors
IRM1600 ETC-IRM1600 Datasheet
849Kb / 2P
   METAL CLAD WIRE WOUND RESISTOR
IRH60 ETC-IRH60 Datasheet
1Mb / 2P
   METAL CLAD WIRE WOUND RESISTOR
IRN50 ETC-IRN50 Datasheet
1Mb / 2P
   FLAT TYPE CLAD WIRE WOUND RESISTORS
IRS30 ETC-IRS30 Datasheet
716Kb / 1P
   SLIM TYPE METAL CLAD WIRE WOUND RESISTROS
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250 Datasheet
120Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HM Series: Metal-Clad, High Wattage
logo
List of Unclassifed Man...
RH-5E ETC-RH-5E Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
SMW2W ETC2-SMW2W Datasheet
614Kb / 2P
   Power Wire Wound chip Resistors / Power Metal film chip resistors
logo
Ohmite Mfg. Co.
SHUNT-SH OHMITE-SHUNT-SH Datasheet
343Kb / 2P
   Precision metal clad resistors designed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com