Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRV2800 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # IRV2800
Description  HIGH POWER, WIRE WOUND, METAL CLAD RESISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

IRV2800 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  IRV2800 Datasheet HTML 1Page - RHOPOINT COMPONENTS IRV2800 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Web: www.rhopointcomponents.com
Email: sales@rhopointcomponents.com
IRV1600-2800 HIGH POWER, WIRE
WOUND, METAL CLAD RESISTORS
The IRV1600-2800 (V=vertical) models are our highest power, wire wound, metal clad resistors.
These models have an
extruded aluminium housing providing strong and rugged protection. Options include flying leads or tab terminals and
inductive or non-inductive windings. The most common applications for these models are: motor drives, braking and snubber
applications and power sources for industrial equipment. These models are fully RoHS compliant.
SPECIFICATIONS
Rated Power
Resistance Range
Model
Heat Sink
Free Air
Inductive
Resistance
Tolerance
IRV1600
1600W
570W
2.5-78
IRV2000
2000W
650W
3.2-86
IRV2400
2400W
720W
4.0-92
IRV2800
2800W
730W
4.5-96
F[+-01%]
J[+-05%]
K[+-10%]
CHARACTERISTICS
Values in [ ] mean change in ohmic value after test
Temperature Range
-55C to +280C
Insulation Resistance
20M
ohm minimum
Dielectric Strength
AC1500V, 2500V, 3500V, 4500V for 1 min.; Max. leakage current: 2mA
Temp. Coefficient
±260ppm/C maximum
Short Time Overload
±[3%+0.05
R]
5-10 X Power rating-5seconds
Moisture Resistance
±[3%+0.05
R]
40C, 95% RH, DC100V case to terminal (500hrs.)
Thermal Shock
±[5%+0.05
R]
Power rating 30min., -40C,15minutes
Vibration
±[2%+0.05
R]
10Hz-55Hz-10Hz (1min.), 2hrs. each direction
Moisture Load Life
±[3%+0.05
R] 40C, 95% RH, 0.1XPower rating, 1.5h. on, 30min. off, 500 hrs.
Load Life
±[5%+0.05
R]
Power rating 1.5hr. on, 30min. off, 500hours
SURFACE TEMPERATURE INCREASE VS POWER LOAD & DERATING


Similar Part No. - IRV2800

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRV300 MURATA1-IRV300 Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
IRV300-12W80 MURATA1-IRV300-12W80 Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
IRV300-12W80-C MURATA1-IRV300-12W80-C Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
IRV300-12W80H-C MURATA1-IRV300-12W80H-C Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
IRV300-24W80 MURATA1-IRV300-24W80 Datasheet
5Mb / 21P
   300W 10:1 Ultra Wide Input Chassis-Mount Isolated DC-DC Converter
2021
More results

Similar Description - IRV2800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRV600 ETC-IRV600 Datasheet
1Mb / 2P
   Metal Clad Wire Wound Resistors
IRC40 ETC-IRC40 Datasheet
875Kb / 2P
   compact type metal clad wire wound resistors
IRM1600 ETC-IRM1600 Datasheet
849Kb / 2P
   METAL CLAD WIRE WOUND RESISTOR
IRH60 ETC-IRH60 Datasheet
1Mb / 2P
   METAL CLAD WIRE WOUND RESISTOR
IRN50 ETC-IRN50 Datasheet
1Mb / 2P
   FLAT TYPE CLAD WIRE WOUND RESISTORS
IRS30 ETC-IRS30 Datasheet
716Kb / 1P
   SLIM TYPE METAL CLAD WIRE WOUND RESISTROS
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250 Datasheet
120Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR HM Series: Metal-Clad, High Wattage
logo
List of Unclassifed Man...
RH-5E ETC-RH-5E Datasheet
1Mb / 2P
   PRECISION TYPE METAL CLAD RESISTORS
SMW2W ETC2-SMW2W Datasheet
614Kb / 2P
   Power Wire Wound chip Resistors / Power Metal film chip resistors
logo
Ohmite Mfg. Co.
SHUNT-SH OHMITE-SHUNT-SH Datasheet
343Kb / 2P
   Precision metal clad resistors designed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com