Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11222A Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK11222A
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11222A Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK11222A Datasheet HTML 2Page - TOKO, Inc TK11222A Datasheet HTML 3Page - TOKO, Inc TK11222A Datasheet HTML 4Page - TOKO, Inc TK11222A Datasheet HTML 5Page - TOKO, Inc TK11222A Datasheet HTML 6Page - TOKO, Inc TK11222A Datasheet HTML 7Page - TOKO, Inc TK11222A Datasheet HTML 8Page - TOKO, Inc TK11222A Datasheet HTML 9Page - TOKO, Inc TK11222A Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Page 6
1-4-96
January, 1996 TOKO, Inc.
TK112xx A
TK11228A ELECTRICAL CHARACTERISTICS
Test conditions: TA = 25 °C, VIN = 3.8 V, CP = 0.1 µF, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
I
IN
Quiescent Current
I
O = 0 mA, Except ICONT
170
350
µA
I
STBY
Standby Current
V
IN = 8 V, at output off
0.1
µA
V
O
Output Voltage
I
O = 30 mA
2.72
2.80
2.88
V
VDROP
Dropout Voltage
IO = 60 mA
0.16
0.26
V
I
O = 150 mA
0.29
0.4
V
I
O
Output Current
V
OUT = 2.5 V
180
240
mA
I
OR
Recommended Output Current
150
mA
Line Reg
Line Regulation
V
IN = 3.8 V → 8.8 V
3.0
20
mV
Load Reg
Load Regulation
IO = 5 mA → 60 mA (Note 1)
10
50
mV
I
O = 5 mA → 100 mA
20
100
mV
I
O = 5 mA → 150 mA
30
160
mV
RR
Ripple Rejection
100 mV(rms), IO = 10 mA
55
dB
∆V
O/∆TA
Output Voltage
V
IN = 4.3 V, IO = 10 mA
0.05
mV/
°C
Temperature Dependency
-20
°C ≤ T
A ≤ + 75 °C
V
NO
Output Noise Voltage
10 Hz < f < 80 kHz,
30
µV(rms)
I
O = 30 mA
VREF
Noise Bypass Terminal Voltage
1.25
V
Control Terminal Specification
ICONT
Control Current
Output on, VCONT = 1.8 V
12
30
µA
V
CONT
Control Voltage
Output on
1.8
V
Output off
0.6
V
t
r
Output Rise Time
I
O = 30 mA,
0.3
ms
V
CONT = 0 V → 1.8 V
Note 1:
This is a pulse measurement where T
J is constant. The output change due to temperature is not included.


Similar Part No. - TK11222A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11222B TOKO-TK11222B Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11222BMCB TOKO-TK11222BMCB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11222BMCL TOKO-TK11222BMCL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11222BMIB TOKO-TK11222BMIB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11222BMIL TOKO-TK11222BMIL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11222A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com