Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11430BX Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK11430BX
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11430BX Datasheet(HTML) 1 Page - TOKO, Inc

  TK11430BX Datasheet HTML 1Page - TOKO, Inc TK11430BX Datasheet HTML 2Page - TOKO, Inc TK11430BX Datasheet HTML 3Page - TOKO, Inc TK11430BX Datasheet HTML 4Page - TOKO, Inc TK11430BX Datasheet HTML 5Page - TOKO, Inc TK11430BX Datasheet HTML 6Page - TOKO, Inc TK11430BX Datasheet HTML 7Page - TOKO, Inc TK11430BX Datasheet HTML 8Page - TOKO, Inc TK11430BX Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
11-20-94
TK114xx
January, 1995 TOKO, Inc.
Page 1
FEATURES
s
Low Dropout Voltage
s
Electronic ON/OFF Switch
s
Very Low Standby Current (ON, No Load)
s
Internal Thermal Shutdown
s
Short Circuit Protection
s
Very Low (<100 nA) Current in OFF Mode
s
Customized Versions Are Available
DESCRIPTION
The TK114xx is a low power, linear regulator with a built-
in electronic switch. The internal electronic switch can be
controlled by an external pull-up resistor and an open drain
or open collector transistor. The device is in the OFF state
when the control pin is biased from V
IN
through the pull-up
resistor.
An internal PNP pass-transistor is used in order to achieve
low dropout voltage (typically 200 mV at 50 mA load
current). The device has very low quiescent current (500
µA) in the ON mode with no load and 2 mA with 30 mA load.
The quiescent current is typically 4 mA at 60 mA load. An
internal thermal shutdown circuit limits the junction tem-
perature to below 150
°C. The load current is internally
monitored and the device will shut down (no load current)
in the presence of a short circuit at the output. The device
is available in a small SOT-23L surface mount package.
VOLTAGE REGULATOR WITH ON/OFF SWITCH
APPLICATIONS
s
Battery Powered Systems
s
Cellular Telephones
s
Pagers
s
Personal Communications Equipment
s
Portable Instrumentation
s
Portable Consumer Equipment
s
Radio Control Systems
s
Toys
s
Low Voltage Systems
BLOCK DIAGRAM
1
3
CONTROL
GND
6
4
VIN
V
O
KT114xxM.PO
2
5
TK114xxM
TK114
Voltage Code
Tape/Reel Code
TAPE/REEL CODE
BX : Bulk/Bag
TL : Tape Left
ORDERING INFORMATION
VOLTAGE CODE
30 = 3.0 V
32 = 3.25 V
35 = 3.5 V
37 = 3.75 V
40 = 4.0 V
45 = 4.5 V
47 = 4.75 V
50 = 5.0 V
55 = 5.5 V
57 = 5.75 V
60 = 6.0 V
80 = 8.0 V
S
S
S
S
S
S
S
S
S
S
VO
VIN
LOW
CONTROL
(LC)
GND
KT114xx • BD
TK114xx
BANDGAP
REFERENCE
+
HIGH
CONTROL
(HC)
+
S
S
S
S
THERMAL
PROTECTION
S
S
2
1
3
6
8
R3


Similar Part No. - TK11430BX

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11430BX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com