Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11247MBX Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11247MBX
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11247MBX Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11247MBX Datasheet HTML 6Page - TOKO, Inc TK11247MBX Datasheet HTML 7Page - TOKO, Inc TK11247MBX Datasheet HTML 8Page - TOKO, Inc TK11247MBX Datasheet HTML 9Page - TOKO, Inc TK11247MBX Datasheet HTML 10Page - TOKO, Inc TK11247MBX Datasheet HTML 11Page - TOKO, Inc TK11247MBX Datasheet HTML 12Page - TOKO, Inc TK11247MBX Datasheet HTML 13Page - TOKO, Inc TK11247MBX Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Page 10
1-3-96
TK112xx
January, 1996 TOKO, Inc.
TK112XX• TPC01
IO (mA)
050
100
DROPOUT VOLTAGE vs.
LOAD CURRENT
0.5
0.4
0.3
0.2
0.1
T = 25
°C
A
0
TK11250
TK112XX • TPC02
IO (mA)
0
100
200
OUTPUT VOLTAGE vs.
SHORT CIRCUIT CURRENT
T = 25
°C
A
0
1
2
3
4
5
V
IN
= V
O
+ 1
TK11230
TK11250
TK11220
TEST CIRCUIT
TK112XX • TPC06
LINE TRANSIENT RESPONSE
TA = 25 °C
V
CC
VO
10 mV/DIV
50
µs/DIV
DV = 1 V
TK112XX • TPC04
V
(V)
CC
0
QUIESCENT CURRENT vs.
INPUT VOLTAGE
T = 25
°C
A
0
100
200
10
20
TK112XX • TPC05
RIPPLE REJECTION
T = 25
°C
A
100
1k
10k
100k
0
-50
-100
HZ
TK112XX • TPC03
VCONT (V)
0
CONTROL TERMINAL CIRCUIT CURRENT vs.
CONTROL TERMINAL VOLTAGE
TA= 25 °C
0
10
20
30
40
50
1
23
45
RCONT = 0
300 K
75 K
150 K
VO
T
A = 25 °C unless otherwise specified.
1
4
5
6
23
S
VIN
V
A
A
V
S
S
S
VO
I
OUT
VIN
V
OUT
1
µF
10
µF
I
CONT
CONT
CONT
NOTE: CONNECT PINS 2 AND 5 TO
GND FOR MAXIMUM HEAT CONDUCTION.
+
+
_
+
_
.01
µF
Noise Bypass
+
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - TK11247MBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11247B TOKO-TK11247B Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11247BMCB TOKO-TK11247BMCB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11247BMCL TOKO-TK11247BMCL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11247BMIB TOKO-TK11247BMIB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11247BMIL TOKO-TK11247BMIL Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11247MBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com