Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11530 Datasheet(PDF) 11 Page - TOKO, Inc

Part # TK11530
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11530 Datasheet(HTML) 11 Page - TOKO, Inc

Back Button TK11530 Datasheet HTML 7Page - TOKO, Inc TK11530 Datasheet HTML 8Page - TOKO, Inc TK11530 Datasheet HTML 9Page - TOKO, Inc TK11530 Datasheet HTML 10Page - TOKO, Inc TK11530 Datasheet HTML 11Page - TOKO, Inc TK11530 Datasheet HTML 12Page - TOKO, Inc TK11530 Datasheet HTML 13Page - TOKO, Inc TK11530 Datasheet HTML 14Page - TOKO, Inc TK11530 Datasheet HTML 15Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
February, 1995 TOKO, Inc.
TK115xx
Page 11
10-15-94
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICC1
Supply Current 1
VIN = 9.0 V, |O = 0 mA
500
900
µA
I
CC2
Supply Current 2
V
IN = 7.0 V, |O = 0 mA
1.4
2.5
mA
I
CCS
Standby Supply Current V
IN = 14 V, Output Off
0.2
2.0
µA
V
O
Output Voltage
V
IN = 9.0 V, |O = 30 mA
7.76
8.0
8.24
V
V
DROP
Voltage Dropout
|
O = 60 mA
0.13
0.35
V
IO
Output Current
VO = 7.7 V
100
130
mA
I
OR
Recommended
100
mA
Output Current
LinReg
Line Regulation
V
IN = 9.0 V → 14.0 V
16.0
40
mV
LoaReg
Load Regulation
IO = 0 to 30 mA, VIN = 9.0 V (Note 1)
35
110
mV
I
O = 0 to 60 mA, VIN = 9.0 V (Note 1)
70
200
mV
RR
Ripple Regulation
100 mVrms, f = 400 Hz,
55
dB
V
IN = 9.5 V, IO = 10 mA
∆V
O/∆TA
VO Temperature
VIN = 9.5 V, IO = 10 mA,
±1.0
mV/
°C
Coefficient
-20
°C ≤ T
A ≤ 75 °C
V
NO
Output Noise Voltage
10 Hz
≤ f ≤ 100 kHz, I
O = 10 mA
180
µVrms
I
B
Base Terminal Current
V
IN = 9.0 V
6
14
35
mA
Active High Control Terminal
I
HC
HC Terminal Current
Output On, Connect LC & GND
2
40
µA
VHC1
HC Terminal Voltage 1
Output On, Connect LC & GND
2.4
VIN
V
V
HC2
HC Terminal Voltage 2
Output Off, Connect LC & GND
0
0.6
V
Active Low Control Terminal
ILC
LC Terminal Current
Output On, Connect HC & GND
35
120
µA
V
LC1
LC Terminal Voltage 1
Output On, Connect HC & GND
0
V
IN-2.5
V
VLC2
LC Terminal Voltage 2
Output Off, Connect HC & GND
VIN-0.2
VIN
V
TK11580 ELECTRICAL CHARACTERISTICS
Note 1: This is a pulse measurement where T
J is constant. The output change due to temperature is not included.


Similar Part No. - TK11530

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11530

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com