Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK116XXU Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK116XXU
Description  THREE-TERMINAL VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK116XXU Datasheet(HTML) 3 Page - TOKO, Inc

  TK116XXU Datasheet HTML 1Page - TOKO, Inc TK116XXU Datasheet HTML 2Page - TOKO, Inc TK116XXU Datasheet HTML 3Page - TOKO, Inc TK116XXU Datasheet HTML 4Page - TOKO, Inc TK116XXU Datasheet HTML 5Page - TOKO, Inc TK116XXU Datasheet HTML 6Page - TOKO, Inc TK116XXU Datasheet HTML 7Page - TOKO, Inc TK116XXU Datasheet HTML 8Page - TOKO, Inc TK116XXU Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
January 1999 TOKO, Inc.
Page 3
TK116xxU
TK11633U ELECTRICAL CHARACTERISTICS
Test Conditions: T
A = 25°C, VIN = 4.3 V, unless otherwise specified.
Note 1: I
OUT (Load Current) is current when VOUT drops down 0.4 V from VOUT at IOUT = 10 mA.
Note 2: Refer to “Definition of Terms.”
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
Q
t
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
V
N
I
I
,
V
3
.
4
=
T
U
O
A
m
0
=0
0
40
0
8A
µ
V
N
I
I
,
V
0
.
3
=
T
U
O
A
m
0
=8
.
00
.
2A
m
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
OV
N
I
I
,
V
3
.
4
=
T
U
O
A
m
0
1
=2
.
33
.
34
.
3V
V
P
O
R
D
e
g
a
t
l
o
V
t
u
o
p
o
r
D
I
T
U
O
A
m
0
3
=0
80
5
1A
m
I
T
U
O
A
m
0
0
1
=0
7
10
3
3V
m
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
OV
N
I
)
1
e
t
o
N
(
,
V
3
.
4
=0
9
1A
m
I
R
O
t
n
e
r
r
u
C
t
u
p
t
u
O
d
e
d
n
e
m
m
o
c
e
RV
N
I
V
3
.
4
=0
5
1A
m
I
D
N
G
)
2
e
t
o
N
(
t
n
e
r
r
u
C
d
n
u
o
r
GV
N
I
I
,
V
3
.
4
=
T
U
O
A
m
0
6
=0
.
25
.
4A
m
g
e
R
e
n
i
Ln
o
i
t
a
l
u
g
e
R
e
n
i
LV
N
I
V
3
.
9
o
t
3
.
4
=0
.
20
3V
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L
V
N
I
I
,
V
3
.
4
=
T
U
O
A
m
0
3
o
t
0
=5
10
6V
m
V
N
I
I
,
V
3
.
4
=
T
U
O
A
m
0
0
1
o
t
0
=0
40
4
1V
m
V
N
I
I
,
V
3
.
4
=
T
U
O
A
m
0
5
1
o
t
0
=0
2
10
2
2V
m
R
Rn
o
i
t
c
e
j
e
R
e
l
p
p
i
R
V
N
I
I
,
V
8
.
4
=
T
U
O
,
A
m
0
1
=
s
m
r
V
m
0
0
1
,
z
H
0
0
4
=
f
5
5B
d
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
V
N
I
I
,
V
8
.
4
=
T
U
O
,
A
m
0
1
=
C
°
0
3
-
≤ T
A
C
°
0
8
+
5
3
.
0
±C
°
/
V
m


Similar Part No. - TK116XXU

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK116XXU

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
   Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
   Three-Terminal Voltage Regulator
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
   Three-Terminal Voltage Regulator
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
   Three-terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
   Three-terminal voltage regulator
logo
TECH PUBLIC Electronics...
78L05 TECHPUBLIC-78L05 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
TP78L05T3 TECHPUBLIC-TP78L05T3 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
logo
DONGGUAN YOU FENG WEI E...
78L05-SOT23 YFWDIODE-78L05-SOT23 Datasheet
1Mb / 2P
   Three-Terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05 KEXIN-78L05 Datasheet
380Kb / 1P
   Three-Terminal Voltage Regulator
logo
Sirectifier Semiconduct...
BL79LXX SIRECTIFIER-BL79LXX Datasheet
216Kb / 10P
   Three-terminal voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com