Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11630UTL Datasheet(PDF) 8 Page - TOKO, Inc

Part # TK11630UTL
Description  THREE-TERMINAL VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11630UTL Datasheet(HTML) 8 Page - TOKO, Inc

Back Button TK11630UTL Datasheet HTML 4Page - TOKO, Inc TK11630UTL Datasheet HTML 5Page - TOKO, Inc TK11630UTL Datasheet HTML 6Page - TOKO, Inc TK11630UTL Datasheet HTML 7Page - TOKO, Inc TK11630UTL Datasheet HTML 8Page - TOKO, Inc TK11630UTL Datasheet HTML 9Page - TOKO, Inc TK11630UTL Datasheet HTML 10Page - TOKO, Inc TK11630UTL Datasheet HTML 11Page - TOKO, Inc TK11630UTL Datasheet HTML 12Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Page 8
December 1998 TOKO, Inc.
TK116xxU
11633
OUTPUT VOLTAGE VS.
OUTPUT CURRENT
IOUT (mA)
3.4
3.3
3.2
0
50
100
GROUND CURRENT VS.
OUTPUT CURRENT
IOUT (mA)
10
5
0
0
50
100
OUTPUT VOLTAGE VS.
INPUT VOLTAGE (1)
VIN (V)
3.4
3.3
3.2
0
10
20
QUIESCENT CURRENT VS.
INPUT VOLTAGE
VIN (V)
2
1
0
0
10
20
OUTPUT VOLTAGE VS.
INPUT VOLTAGE (2)
VIN (V)
3.3
2.8
2.3
2.8
3.3
3.8
IOUT = 0 mA
IOUT = 30 mA
IOUT = 60 mA
IOUT = 90 mA
OUTPUT VOLTAGE VS.
TEMPERATURE
TA (°C)
3.4
3.3
3.2
-50
0
50
100
OUTPUT VOLTAGE VS.
OUTPUT CURRENT
IOUT (mA)
5.1
5.0
4.9
0
50
100
GROUND CURRENT VS.
OUTPUT CURRENT
IOUT (mA)
10
5
0
0
50
100
OUTPUT VOLTAGE VS.
INPUT VOLTAGE (1)
VIN (V)
5.1
5.0
4.9
0
10
20
11650
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.


Similar Part No. - TK11630UTL

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK11 GREATECS-TK11 Datasheet
1Mb / 4P
   Miniature SPDT Toggle Switches
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031M TOKO-TK11031M Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL TOKO-TK11031MTL Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
TK11031MTL/31C TOKO-TK11031MTL/31C Datasheet
37Kb / 6P
   TEMPERATURE SENSOR IC
More results

Similar Description - TK11630UTL

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GM6202 GSME-GM6202 Datasheet
972Kb / 3P
   Three-terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
   Three-Terminal Voltage Regulator
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
   Three-Terminal Voltage Regulator
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
   Three-terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
   Three-terminal voltage regulator
logo
TECH PUBLIC Electronics...
78L05 TECHPUBLIC-78L05 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
TP78L05T3 TECHPUBLIC-TP78L05T3 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
logo
DONGGUAN YOU FENG WEI E...
78L05-SOT23 YFWDIODE-78L05-SOT23 Datasheet
1Mb / 2P
   Three-Terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05 KEXIN-78L05 Datasheet
380Kb / 1P
   Three-Terminal Voltage Regulator
logo
Sirectifier Semiconduct...
BL79LXX SIRECTIFIER-BL79LXX Datasheet
216Kb / 10P
   Three-terminal voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com