Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11819 Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK11819
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11819 Datasheet(HTML) 2 Page - TOKO, Inc

  TK11819 Datasheet HTML 1Page - TOKO, Inc TK11819 Datasheet HTML 2Page - TOKO, Inc TK11819 Datasheet HTML 3Page - TOKO, Inc TK11819 Datasheet HTML 4Page - TOKO, Inc TK11819 Datasheet HTML 5Page - TOKO, Inc TK11819 Datasheet HTML 6Page - TOKO, Inc TK11819 Datasheet HTML 7Page - TOKO, Inc TK11819 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2
January 1999 TOKO, Inc.
TK11816, TK11817,
TK11818, TK11819
Input Voltage ............................................................ 20 V
Power Dissipation (Note 1) ................................ 200 mW
Junction Temperature .......................................... 150
°C
Operating Voltage Range (TK11816) ............. 1.1 to 13 V
Operating Voltage Range (TK11817) ............. 1.1 to 15 V
Operating Voltage Range (TK11818) ............. 1.1 to 18 V
Operating Voltage Range (TK11819) ............. 1.1 to 18 V
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range .................. -20 to +70
°C
Lead Soldering Temperature (10 s) .................... 235
°C
ABSOLUTE MAXIMUM RATINGS
TK11816 ELECTRICAL CHARACTERISTICS
Test Conditions: V
IN = 5 V, TA = 25 °C (Notes 3 & 5), unless otherwise specified.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
N
I
t
n
e
r
r
u
C
y
l
p
p
u
S
V
T
U
O
,
V
8
.
2
1
=I
T
U
O
A
m
1
.
0
=7
.
40
.
9A
m
V
T
U
O
,
V
2
.
7
=I
T
U
O
A
m
0
.
1
=1
.
2
10
.
9
1A
m
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
V
1
.
1
≤ V
N
I
V
0
11
.
2
18
.
2
15
.
3
1V
V
1
.
1
≤ V
N
I
≤ V
65
8
.
60
2
.
70
5
.
7V
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
V
T
U
O
V
8
.
2
1
=5
.
35
.
4A
m
V
T
U
O
V
2
.
7
=0
.
40
.
6A
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L)
4
e
t
o
N
(6
0
.
03
.
0%
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
V
T
U
O
,
V
8
.
2
1
=I
T
U
O
A
m
1
.
0
=1
0
.
1C
°
/
V
m
V
T
U
O
,
V
2
.
7
=I
T
U
O
A
m
1
.
0
=2
0
.
2C
°
/
V
m
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
N
I
t
n
e
r
r
u
C
y
l
p
p
u
S
V
T
U
O
,
V
8
.
6
1
=I
T
U
O
A
m
1
.
0
=7
.
40
.
9A
m
V
T
U
O
,
V
3
.
9
=I
T
U
O
A
m
0
.
1
=1
.
2
10
.
9
1A
m
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
V
1
.
1
≤ V
N
I
V
5
10
.
6
18
.
6
16
.
7
1V
V
1
.
1
≤ V
N
I
≤ V
85
8
.
80
3
.
90
8
.
9V
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
V
T
U
O
V
8
.
6
1
=5
.
35
.
4A
m
V
T
U
O
V
3
.
9
=0
.
40
.
6A
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L)
4
e
t
o
N
(6
0
.
03
.
0%
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
V
T
U
O
,
V
8
.
6
1
=I
T
U
O
A
m
1
.
0
=1
8
.
1C
°
/
V
m
V
T
U
O
,
V
3
.
9
=I
T
U
O
A
m
1
.
0
=1
3
.
2C
°
/
V
m
TK11817 ELECTRICAL CHARACTERISTICS
Test Conditions: V
IN = 5 V, TA = 25 °C (Notes 3 & 5), unless otherwise specified.


Similar Part No. - TK11819

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11811 TOKO-TK11811 Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811D1 TOKO-TK11811D1 Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811M TOKO-TK11811M Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811MTL TOKO-TK11811MTL Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11812 TOKO-TK11812 Datasheet
53Kb / 8P
   DC-DC CONVERTER
More results

Similar Description - TK11819

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com