Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11850L Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11850L
Description  WHITE LED DRIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11850L Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11850L Datasheet HTML 6Page - TOKO, Inc TK11850L Datasheet HTML 7Page - TOKO, Inc TK11850L Datasheet HTML 8Page - TOKO, Inc TK11850L Datasheet HTML 9Page - TOKO, Inc TK11850L Datasheet HTML 10Page - TOKO, Inc TK11850L Datasheet HTML 11Page - TOKO, Inc TK11850L Datasheet HTML 12Page - TOKO, Inc TK11850L Datasheet HTML 13Page - TOKO, Inc TK11850L Datasheet HTML 14Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Page 10
May 2001 TOKO, Inc.
TK11850L
DIMMING
R
D
E
L
(
9)I
D
E
L
)
A
m
(
4
29
.
1
2
7
25
.
9
1
6
36
.
4
1
1
54
.
0
1
0
0
14
.
5
0
1
51
.
1
The following are 3 kinds of dimming methods.
1. Dimming by R
LED
The current of the LED (I
LED) is determined by RLED,which can be set by switches such as transistors.
Example of 3 LEDs with a 4 brightness level circuit:
I
LED vs. RLED
LED CURRENT (ILED) vs.
TOTAL RESISTANCE (RLED)
RLED (Ω)
0
10
100
1000
16
12
8
20
18
14
10
6
4
2
IS
EXT
VIN
OSC
Cx
CLK
0.86 V
0.3 V
CLK
VREF
0.525 V
ERROR
COMP
IS COMP
0.1 V
CX
RLED2
ON/OFF
RSC
GND
VIN
ILED
VLED
COUT
VOUT
GND
7
CX
8
EN
VFB
+
-
+
-
RLED3
RLED1
CONTROL
SIGNAL 1
CONTROL
SIGNAL 2
D
L
CIN
CLK
S
R
Q
BAND GAP REFERENCE
SW2
SW1
I
LED =
R
LED: Total value of Resistors
V
REF = 0.525 V (typ)
V
FB Voltage = 0.525 V (typ)
V
REF
R
LED


Similar Part No. - TK11850L

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11855F-G TOKO-TK11855F-G Datasheet
182Kb / 2P
   Step-up DC-DC converter IC
More results

Similar Description - TK11850L

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3008 BCDSEMI-AP3008 Datasheet
59Kb / 2P
   WHITE LED DRIVER
AP3008 BCDSEMI-AP3008_06 Datasheet
121Kb / 10P
   WHITE LED DRIVER
logo
Supertex, Inc
HV9903 SUTEX-HV9903 Datasheet
326Kb / 12P
   White LED Driver
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_12 Datasheet
885Kb / 25P
   White LED Driver
logo
Shenzhen Huazhimei Semi...
HM2126 HMSEMI-HM2126 Datasheet
344Kb / 9P
   White LED driver
logo
Rohm
BD65B60GWL ROHM-BD65B60GWL Datasheet
795Kb / 51P
   White LED Driver
BD6074GUT ROHM-BD6074GUT_12 Datasheet
629Kb / 21P
   White LED Driver
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8121A NPC-SM8121A Datasheet
372Kb / 19P
   White LED Driver IC
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
   White LED Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com