Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11139M Datasheet(PDF) 10 Page - TOKO, Inc

Part # TK11139M
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11139M Datasheet(HTML) 10 Page - TOKO, Inc

Back Button TK11139M Datasheet HTML 6Page - TOKO, Inc TK11139M Datasheet HTML 7Page - TOKO, Inc TK11139M Datasheet HTML 8Page - TOKO, Inc TK11139M Datasheet HTML 9Page - TOKO, Inc TK11139M Datasheet HTML 10Page - TOKO, Inc TK11139M Datasheet HTML 11Page - TOKO, Inc TK11139M Datasheet HTML 12Page - TOKO, Inc TK11139M Datasheet HTML 13Page - TOKO, Inc TK11139M Datasheet HTML 14Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Page 10
March 1999 TOKO, Inc.
TK111xxM
ON/OFF RESPONSE WITH CONTROL
The turn-on time depends upon the value of the output
capacitor and the noise bypass capacitor. The turn-on time
will increase with the value of either capacitor. The graphs
below show the relationship between turn-on time and
load capacitance. If the value of these capacitors is reduced,
the load and line regulation will suffer and the noise voltage
will increase. If the value of these capacitors is increased,
the turn on time will increase.
external voltage higher than the input voltage is applied to
the output side.
REDUCTION OF OUTPUT NOISE
Although the architecture of the Toko regulators is designed
to minimize semiconductor noise, further reduction can be
achieved by the selection of external components. The
obvious solution is to increase the size of the output
capacitor. A more effective solution would be to add a
capacitor to the noise bypass terminal. The value of this
capacitor should be 0.1
µF or higher (higher values provide
greater noise reduction). Although stable operation is
possible without the noise bypass capacitor, this terminal
has a high impedance and care should be taken to avoid
a large circuit area on the printed circuit board when the
capacitor is not used. Please note that several parameters
are affected by the value of the capacitors and bench
testing is recommended when deviating from standard
values.
CONTROL FUNCTION
The TK111xxM has an active high control pin. The control
pin requires over 1.8 V for operation and under 0.6 V for
standby. For the range of 0.6 V < V
CONT < 1.8 V, operation
is undefined. If the control function is not used, connect the
control pin to V
IN.
DEFINITION AND EXPLANATION OF TECHNICAL TERMS (CONT.)
SW
CN
VIN
OUTPUT VOLTAGE RESPONSE A
(OFF
→ON)
-5
5
25
15
35
CL = 0.47µF
45
CL = 0.68 µF
CL = 1.5 µF
CL = 1.0 µF
TIME (µs)
ILOAD = 30 mA, CN = 3300 pF
OUTPUT VOLTAGE RESPONSE B
(OFF
→ON)
02
6
48
CN = 0.47 µF
CN = 0.33 µF
CN = 0.68µF
CN = 1.0 µF
TIME (ms)
ILOAD = 30 mA, CL = 2.2 µF
CN = 0.1 µF
CONTROL FUNCTION


Similar Part No. - TK11139M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11139S TOKO-TK11139S Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11139SCL TOKO-TK11139SCL Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11139SIL TOKO-TK11139SIL Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11139M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com