Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS3D11-390T-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS3D11-390T-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS3D11-390T-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS3D11-390T-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS3D11
15
DCR
(Ω)
Rated
Current
Allied
Part
Number
Inductance Tolerance
(%)
Test
Freq.
PCS3D11-2R7T-RC
PCS3D11-4R7T-RC
PCS3D11-6R8T-RC
PCS3D11-8R2T-RC
PCS3D11-100T-RC
PCS3D11-150T-RC
PCS3D11-220T-RC
PCS3D11-270T-RC
PCS3D11-330T-RC
PCS3D11-390T-RC
2.7
4.7
6.8
8.2
10
15
22
27
33
39
30
30
30
30
30
30
30
30
30
30
100
100
100
100
100
100
100
100
100
100
0.078
0.123
0.180
0.204
0.240
0.372
0.540
0.726
0.822
0.942
0.53
0.40
0.34
0.32
0.28
0.23
0.19
0.17
0.15
0.14
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS3D11-120T-RC
12
30
100
0.276
0.25
PCS3D11-180T-RC
18
30
100
0.468
0.21
(A)
KHz,1v
All specifications subject to change without notice.
REVISED 12/16/08
Features
• Shielded SMD Power Inductor
• Low DC resistance
• Ideal for DC-DC converter applications
• Available in magnetically shielded
Electrical
Inductance Range: 2.7µH to 39µH
Tolerance: 30% over entire range
Operating Temp: -30ºC ~ +100ºC
Rated Current: Current at which inductance
drop is equal to 35% typ.
Resistance to Soldering Heat
Pre-Heat 150ºC, 1 Min.
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC +/- 5ºC for
10 sec. +/- 1 sec.
Test Equipment
(L): HP4284A
(RDC): Chen Hwa 502BC
Rated Current: HP4284+HP42841A
(Irms): HP4284+HP42841A
Physical
Packaging: 1000 pieces per 7 inch reel.
Marking: EIA Inductance Code
∆ T=40ºC temp rise
Irms: current at which
Also, available in tighter tolerances
Irms
A
Typ.
1.82
1.38
1.05
0.93
0.90
0.68
0.53
0.48
0.41
0.40
0.81
0.58
(µH)
Max.
Dimensions:
Inches
(mm)


Similar Part No. - PCS3D11-390T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS3D11-390T-RC ALLIED-PCS3D11-390T-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS3D11-390T-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com