Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS4D18-6R8N-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCS4D18-6R8N-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCS4D18-6R8N-RC Datasheet(HTML) 1 Page - Allied Components International

  PCS4D18-6R8N-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Chip Shielded Inductors
PCS4D18
15
DCR
(
Ω)
Rated Current
Allied
Part
Number
Inductance
(
µh)
Tolerance
(%)
Test
Freq.
PCS4D18-1R0N-RC
PCS4D18-1R5N-RC
PCS4D18-1R8N-RC
PCS4D18-2R2N-RC
PCS4D18-2R7N-RC
PCS4D18-3R9N-RC
PCS4D18-5R6N-RC
PCS4D18-6R8N-RC
PCS4D18-8R2N-RC
PCS4D18-100N-RC
PCS4D18-120N-RC
PCS4D18-150N-RC
PCS4D18-180N-RC
PCS4D18-220N-RC
1.0
1.5
1.8
2.2
2.7
3.9
5.6
6.8
8.2
10
12
15
22
30
30
30
30
30
30
30
30
30
30
30
30
30
30
7.96 MHz
7.96 MHz
7.96 MHz
7.96 MHz
7.96 MHz
7.96 MHz
7.96 MHz
7.96 MHz
7.96 MHz
100 KHz
100 KHz
100 KHz
100 KHz
100 KHz
0.045
0.060
0.070
0.075
0.105
0.155
0.170
0.200
0.245
0.280
0.320
0.360
0.400
0.480
1.72
1.50
1.35
1.32
1.28
0.88
0.80
0.76
0.68
0.61
0.56
0.50
0.48
0.41
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
PCS4D18-3R3N-RC
3.3
30
7.96 MHz
0.110
1.04
PCS4D18-4R7N-RC
4.7
30
7.96 MHz
0.162
0.84
(A)
PCS4D18-270N-RC
PCS4D18-330N-RC
PCS4D18-390N-RC
PCS4D18-470N-RC
PCS4D18-560N-RC
PCS4D18-680N-RC
PCS4D18-101N-RC
27
33
39
47
56
68
100
30
30
30
30
30
30
30
100 KHz
100 KHz
100 KHz
100 KHz
100 KHz
100 KHz
100 KHz
0.570
0.694
0.800
0.950
1.080
1.300
2.000
0.35
0.32
0.30
0.28
0.26
0.24
0.20
18
All specifications subject to change without notice.
Max.
Features
• Shielded SMD Power Inductor
• Available in magnetically shielded
• Ideal for DC-DC converter applications
Electrical
Tolerance:
30% over entire range,
Operating Temp: -30ºC ~ +100ºC
IDC: Current at which inductance drops
Inductance Range: 1µH to 100µH
Resistance to Soldering Heat
Test Equipment
Physical
Pre-Heat 150ºC, 1 min.
Solder Temp: 260ºC ± 5ºC for 10sec ± 1sec.
Solder Composition: Sn/Ag3.0/Cu0.5
(L):
HP 4192A LF Impedance Analyzer
(RDC): Chen Hwa 502
Packaging: 2000 pieces per 13 inch reel
Marking: EIA Inductance Code
by 35% of initial value or ∆ T=40ºC lower,
whichever is lower.
Rate Current: HP4284+HP42841A or
Chen Hwa 1061 + Chen Hwa 301A
REVISED 12/30/08
Dimensions:
Inches
(mm)


Similar Part No. - PCS4D18-6R8N-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS4D18-6R8N-RC ALLIED-PCS4D18-6R8N-RC Datasheet
383Kb / 1P
   Power Chip Shielded Inductors
PCS4D18-6R8N-RC ALLIED-PCS4D18-6R8N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCS4D18-6R8N-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com