Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11334B Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK11334B
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11334B Datasheet(HTML) 4 Page - TOKO, Inc

  TK11334B Datasheet HTML 1Page - TOKO, Inc TK11334B Datasheet HTML 2Page - TOKO, Inc TK11334B Datasheet HTML 3Page - TOKO, Inc TK11334B Datasheet HTML 4Page - TOKO, Inc TK11334B Datasheet HTML 5Page - TOKO, Inc TK11334B Datasheet HTML 6Page - TOKO, Inc TK11334B Datasheet HTML 7Page - TOKO, Inc TK11334B Datasheet HTML 8Page - TOKO, Inc TK11334B Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Page 4
May, 1997 TOKO, Inc.
TK113xx B
TYPICAL PERFORMANCE CHARACTERISTICS
TEST CIRCUITS
SOT-23L
SOT-89-5
TA = 25 °C unless otherwise specified
1
4
5
6
23
S
VIN
V
A
A
V
S
S
S
VO
I
O
VIN
V
OUT
1
µF
2.2
µF
I
CONT
CONT
+
+
_
+
_
0.1
µF
Noise Bypass
+
I IN
V
CONT
•Connect pin 5 to
ground for heat sink
Transient Response
S
V
A
A
S
S
S
+
+
_
+
_
+
1
4
5
6
23
VIN
I O
V
IN
VO
1.0
µF
2.2
µF
ICONT
CONT
NOISE
BYPASS
IIN
V
V
IN
VCONT
0.1
µF
OUTPUT VOLTAGE RESPONSE
(OFF
→ ON)
T=0
200
400
600
800
CL = 2.2 µF
Cn = 0.01 µF
Cn = 0.1 µF
ILOAD = 30 mA
TIME (µS)
LOAD REGULATION
0
50
100
IOUT (mA)
VO (5 mV/Div)
SHORT CIRCUIT CURRENT
0
300
IO (mA)
0
1
2
3
4
5
150
OUTPUT VOLTAGE vs. INPUT
VOLTAGE
0
VIN = VOUT
VO TYP
VOUT (25mV/Div)
VIN (V)
(50 mV/Div)
IO = 0 mA
IO = 30 mA
IO = 50 mA
IO = 90 mA
LINE REGULATION
020
VIN (V)
VO TYP
50 mV/Div
10
OUTPUT CURRENT vs.
DROPOUT VOLTAGE
0
200
IO (mA)
-400
-300
-200
-100
0
100
113XXB
V
IN
CONT
+
V
OUT
+
Rs
1 µF
C
P
0.1 µF
C
L
= 10 µF
to 0.22


Similar Part No. - TK11334B

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11334B TOKO-TK11334B Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11334BMCB TOKO-TK11334BMCB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11334BMCL TOKO-TK11334BMCL Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11334BMIB TOKO-TK11334BMIB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11334BMIL TOKO-TK11334BMIL Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11334B

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com