Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11816MTL Datasheet(PDF) 3 Page - TOKO, Inc

Part # TK11816MTL
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11816MTL Datasheet(HTML) 3 Page - TOKO, Inc

  TK11816MTL Datasheet HTML 1Page - TOKO, Inc TK11816MTL Datasheet HTML 2Page - TOKO, Inc TK11816MTL Datasheet HTML 3Page - TOKO, Inc TK11816MTL Datasheet HTML 4Page - TOKO, Inc TK11816MTL Datasheet HTML 5Page - TOKO, Inc TK11816MTL Datasheet HTML 6Page - TOKO, Inc TK11816MTL Datasheet HTML 7Page - TOKO, Inc TK11816MTL Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
January 1999 TOKO, Inc.
Page 3
TK11816, TK11817,
TK11818, TK11819
TK11818 ELECTRICAL CHARACTERISTICS
Test Conditions: V
IN = 5 V, TA = 25 °C (Notes 3 & 5), unless otherwise specified.
TK11819 ELECTRICAL CHARACTERISTICS
Test Conditions: V
IN = 5 V, TA = 25 °C (Notes 3 & 5), unless otherwise specified.
Note 1: Power dissipation is 400 mW when mounted. Derate at 3.2 mW/
°C for operation above 25 °C. Power dissipation is 200 mW in free air. Derate
at 1.6 mW/
°C for operation above 25 °C.
Note 2: When operating below 25
°C, the output capacitor degradation may increase output ripple noise.
Note 3: V
IN = 5.0 V, No load.
Note 4: Load Regulation = (
∆V
OUT / VOUT) x 100 %, where ∆VOUT = VOUT (no load) - VOUT (IOUT = 1.0 mA)
Note 5: Specifications are based upon a Toko 395GN-0091IB inductor. The use of other inductors may degrade performance.
Note 6: See Output Voltage Selection Table for connections to obtain desired output voltage.
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
N
I
t
n
e
r
r
u
C
y
l
p
p
u
S
V
T
U
O
,
V
8
2
=I
T
U
O
A
m
1
.
0
=7
.
40
.
9A
m
V
T
U
O
,
V
4
.
0
2
=I
T
U
O
A
m
0
.
1
=1
.
2
10
.
9
1A
m
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
V
1
.
1
≤ V
N
I
V
8
14
.
6
20
.
8
26
.
9
2V
V
1
.
1
≤ V
N
I
V
8
13
.
9
14
.
0
25
.
1
2V
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
V
T
U
O
V
8
2
=8
.
10
.
3A
m
V
T
U
O
V
4
.
0
2
=5
.
20
.
4A
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L)
4
e
t
o
N
(6
0
.
03
.
0%
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
V
T
U
O
,
V
8
2
=I
T
U
O
A
m
1
.
0
=2
.
0C
°
/
V
m
V
T
U
O
,
V
4
.
0
2
=I
T
U
O
A
m
1
.
0
=6
.
0C
°
/
V
m
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
N
I
t
n
e
r
r
u
C
y
l
p
p
u
S
V
T
U
O
,
V
2
3
=I
T
U
O
A
m
1
.
0
=7
.
40
.
9A
m
V
T
U
O
,
V
4
2
=I
T
U
O
A
m
0
.
1
=1
.
2
10
.
9
1A
m
V
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
V
1
.
1
≤ V
N
I
V
8
10
.
0
30
.
2
30
.
4
3V
V
1
.
1
≤ V
N
I
V
8
15
.
2
20
.
4
25
.
5
2V
I
T
U
O
t
n
e
r
r
u
C
t
u
p
t
u
O
V
T
U
O
V
2
3
=8
.
10
.
3A
m
V
T
U
O
V
4
2
=5
.
20
.
4A
m
g
e
R
d
a
o
Ln
o
i
t
a
l
u
g
e
R
d
a
o
L)
4
e
t
o
N
(6
0
.
03
.
0%
∆V
T
U
O
/
∆T
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
V
T
U
O
,
V
2
3
=I
T
U
O
A
m
1
.
0
=1
9
.
0C
°
/
V
m
V
T
U
O
,
V
4
2
=I
T
U
O
A
m
1
.
0
=7
3
.
1C
°
/
V
m


Similar Part No. - TK11816MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11811 TOKO-TK11811 Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811D1 TOKO-TK11811D1 Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811M TOKO-TK11811M Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11811MTL TOKO-TK11811MTL Datasheet
60Kb / 8P
   DC-DC CONVERTER
TK11812 TOKO-TK11812 Datasheet
53Kb / 8P
   DC-DC CONVERTER
More results

Similar Description - TK11816MTL

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com