Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11823MTL Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK11823MTL
Description  DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11823MTL Datasheet(HTML) 2 Page - TOKO, Inc

  TK11823MTL Datasheet HTML 1Page - TOKO, Inc TK11823MTL Datasheet HTML 2Page - TOKO, Inc TK11823MTL Datasheet HTML 3Page - TOKO, Inc TK11823MTL Datasheet HTML 4Page - TOKO, Inc TK11823MTL Datasheet HTML 5Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TK11822/11823
March 19, 1996 TOKO, Inc.
Page 2
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Input Current
I
O = 0 µA
2.1
3.6
mA
IO = 50 µA
3.8
5.6
mA
V
O
Output Voltage
I
O = 50 µA
7.0
7.4
7.8
V
I
O
Output Current
VIN = 1.2 V
50
µA
V
IN = 1.4 V
150
µA
Line Reg
Line Regulation
VIN = 1.4 V → 3.6 V, IO = 50 µA20
80
mV
Load Reg
Load Regulation
I
O = 20 µA → 100 µA
30
100
mV
∆V
O/TA
Output Voltage
VIN = 1.4 V → 3.6 V, IO = 50 µA
0.7
mV/
°C
Temperature Dependency
V
OSC-S
Oscillation Startup Voltage
I
O = 0 µA
1.0
V
f
OSC
Oscillation Frequency
3.0
MHz
TK11822 ELECTRICAL CHARACTERISTICS
Test conditions: V
IN = 1.4 V, TA = 25 °C, unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
Input Voltage .............................................................. 8 V
Output Current ..................................................... 0.5 mA
Operating Voltage Range................................. 1.1 to 6 V
Power Dissipation (Note 1) ................................ 200 mW
Junction Temperature .......................................... 150
°C
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................. -20 to +70
°C
Lead Soldering Temp. (10 sec.) ........................... 260
°C
Note 1: Power dissipation must be derated at the rate of 1.6 mW/
°C for operation above 25 °C.
Note 2: Use caution when decreasing the output capacitance at low temperatures. "UJ" type capacitors will allow little change in
the oscillation frequency.
TEST CIRCUIT
+
6
1
4
3
0.1 µ F
0.1 µ F
VO
GND
VIN
4
5
6
3
2
1
5 pF
8 pF
C1
+
Toko Inductor: 5CDM-658BN-1085
TK11822
C1
33 pF
TK11823
C1
68 pF


Similar Part No. - TK11823MTL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11821 TOKO-TK11821 Datasheet
92Kb / 5P
   DC-DC CONVERTER
TK11821M TOKO-TK11821M Datasheet
92Kb / 5P
   DC-DC CONVERTER
TK11821MBX TOKO-TK11821MBX Datasheet
92Kb / 5P
   DC-DC CONVERTER
TK11821MMG TOKO-TK11821MMG Datasheet
92Kb / 5P
   DC-DC CONVERTER
TK11821MTL TOKO-TK11821MTL Datasheet
92Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - TK11823MTL

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com