Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15121 Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK15121
Description  Grand Earthing System Audio Signal Mute IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15121 Datasheet(HTML) 5 Page - TOKO, Inc

  TK15121 Datasheet HTML 1Page - TOKO, Inc TK15121 Datasheet HTML 2Page - TOKO, Inc TK15121 Datasheet HTML 3Page - TOKO, Inc TK15121 Datasheet HTML 4Page - TOKO, Inc TK15121 Datasheet HTML 5Page - TOKO, Inc TK15121 Datasheet HTML 6Page - TOKO, Inc TK15121 Datasheet HTML 7Page - TOKO, Inc TK15121 Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
April 1999 TOKO, Inc.
Page 5
TK15121
TYPICAL PERFORMANCE CHARACTERISTICS (CONT.)
T
A = 25 °C, unless otherwise specified.
TEMPERATURE VS. CONTROL
THRESHOLD VOLTAGE
TA (°C)
0.5
-40
-20
0
20
40
60
80
0.8
0.7
0.6
TEMPERATURE VS.
CHARGE/DISCHARGE CURRENT
TA (°C)
0
-40
-20
0
20
40
60
80
16
12
4
8
charge
discharge
TEMPERATURE VS.
ATTENUATION VOLUME
TA (°C)
-80
-40
-20
0
20
40
60
80
-20
-60
-40
STANDARD APPLICATION
3 K
3 K
in2
in1
out2
out1
on
off
3 V
+
+
0.22 µ
22 µ


Similar Part No. - TK15121

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15125 TOKO-TK15125 Datasheet
118Kb / 8P
   Dual Supply Grand Earthing System Audio Signal Mute IC
TK15125M TOKO-TK15125M Datasheet
118Kb / 8P
   Dual Supply Grand Earthing System Audio Signal Mute IC
TK15125MTL TOKO-TK15125MTL Datasheet
118Kb / 8P
   Dual Supply Grand Earthing System Audio Signal Mute IC
TK15125MTL/15125 TOKO-TK15125MTL/15125 Datasheet
118Kb / 8P
   Dual Supply Grand Earthing System Audio Signal Mute IC
More results

Similar Description - TK15121

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15125 TOKO-TK15125 Datasheet
118Kb / 8P
   Dual Supply Grand Earthing System Audio Signal Mute IC
logo
Rohm
BA336 ROHM-BA336 Datasheet
107Kb / 7P
   Mute detector IC
BA3703F ROHM-BA3703F Datasheet
71Kb / 4P
   Mute detector IC
logo
ON Semiconductor
LC72722PMS ONSEMI-LC72722PMS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YV ONSEMI-LC72720YV Datasheet
176Kb / 18P
   Signal-Processing System IC
June, 2013
LC72720YVS ONSEMI-LC72720YVS Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
LC72722PM ONSEMI-LC72722PM Datasheet
171Kb / 18P
   Signal-Processing System IC
June, 2013
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com