Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCSLF1275-101M-RC Datasheet(PDF) 1 Page - Allied Components International

Part # PCSLF1275-101M-RC
Description  Power Chip Shielded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

PCSLF1275-101M-RC Datasheet(HTML) 1 Page - Allied Components International

  PCSLF1275-101M-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCSLF1275
Power Chip Shielded Inductors
15
DCR
(Ω)
±20%
IDC
(A)
Allied
Part
Number
Inductance
Tolerance
(%)
Test
Freq.
KHz,0.5v
PCSLF1275-1R2T-RC
PCSLF1275-2R7T-RC
PCSLF1275-3R9T-RC
PCSLF1275-5R6T-RC
PCSLF1275-6R8T-RC
PCSLF1275-100M-RC
PCSLF1275-150M-RC
PCSLF1275-220M-RC
PCSLF1275-330M-RC
1.2
2.7
3.9
5.6
6.8
10
15
22
33
30
30
30
30
30
20
20
20
20
1
1
1
1
1
1
1
1
1
.007
.009
.010
.012
.013
.016
.018
.026
.039
13
10
9.0
7.8
7.2
4.7
4.0
3.2
All specifications subject to change without notice.
RoHS
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
(uH)
REVISED 12/19/08
PCSLF1275-470M-RC
PCSLF1275-680M-RC
PCSLF1275-101M-RC
PCSLF1275-151M-RC
PCSLF1275-221M-RC
47
68
100
150
220
20
20
20
20
20
1
1
1
1
1
.053
.078
.125
.175
.258
2.7
2.0
1.9
1.5
1.3
5.5
Itemp
(A)
8.2
7.0
6.7
6.3
5.9
5.0
4.0
3.0
2.4
1.9
1.6
1.3
5.4
PCSLF1275-4R7T-RC
4.7
30
1
.011
7.8
6.3
PCSLF1275-331M-RC
330
20
1
0.9
.340
3.4
Max.
Features
• Shielded SMD Power Inductor
• Low Profile
• Low Power loss and High current
Electrical
Inductance Range: 1.2µH to 330µH
Tolerance: 30% up to 6.8µh, 20% from 10µh
Operating Temp: -40ºC ~ +85ºC
Test Equipment
(L): HP 4192A
Pre-Heat 150ºC, 1 minute.
Physical
Packaging: 350 pieces per 13 inch reel.
• Suitable for high current applications
Resistance to Soldering Heat
Solder Composition: Sn/Ag3.0/Cu0.5
Solder Temp: 260ºC ± 5ºC for 10 sec. ± 1 sec.
(RDC): Chen Hwa 502BC
(IDC): HP4284A + HP42841A /
Marking: EIA Inductance Code
IDC: Current at which inductance
drops by 10% of intial value
Itemp current: Value obtained when
current flows and the temperature has
Chen Hwa 1061 + 301A
and above, tighter tolerances available
risen by 40ºC
Dimensions:
Inches
(mm)


Similar Part No. - PCSLF1275-101M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCSLF1275-101M-RC ALLIED-PCSLF1275-101M-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275-101M-RC ALLIED-PCSLF1275-101M-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275-101M-RC ALLIED-PCSLF1275-101M-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
More results

Similar Description - PCSLF1275-101M-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCS105-R80T-RC ALLIED-PCS105-R80T-RC Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCSDR124-R47T-RC ALLIED-PCSDR124-R47T-RC Datasheet
403Kb / 1P
   Power Chip Shielded Inductors
PCS5D28-1R0N-RC ALLIED-PCS5D28-1R0N-RC Datasheet
394Kb / 1P
   Power Chip Shielded Inductors
PCSLF1275 ALLIED-PCSLF1275 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS6D28 ALLIED-PCS6D28 Datasheet
366Kb / 1P
   Power Chip Shielded Inductors
PCS105 ALLIED-PCS105 Datasheet
370Kb / 1P
   Power Chip Shielded Inductors
PCS64-100M-RC ALLIED-PCS64-100M-RC Datasheet
345Kb / 1P
   Power Chip Shielded Inductors
PCS125-3R3M-RC ALLIED-PCS125-3R3M-RC Datasheet
357Kb / 1P
   Power Chip Shielded Inductors
PCSHC2D18-1R7T-RC ALLIED-PCSHC2D18-1R7T-RC Datasheet
377Kb / 1P
   Power Chip Shielded Inductors
PCSLR2D18-2R2T-RC ALLIED-PCSLR2D18-2R2T-RC Datasheet
380Kb / 1P
   Power Chip Shielded Inductors
PCIS40-1R0M-RC ALLIED-PCIS40-1R0M-RC Datasheet
766Kb / 1P
   Power Chip Shielded Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com