Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK14600MBX Datasheet(PDF) 5 Page - TOKO, Inc

Part # TK14600MBX
Description  NARROW BAND FM IF AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK14600MBX Datasheet(HTML) 5 Page - TOKO, Inc

  TK14600MBX Datasheet HTML 1Page - TOKO, Inc TK14600MBX Datasheet HTML 2Page - TOKO, Inc TK14600MBX Datasheet HTML 3Page - TOKO, Inc TK14600MBX Datasheet HTML 4Page - TOKO, Inc TK14600MBX Datasheet HTML 5Page - TOKO, Inc TK14600MBX Datasheet HTML 6Page - TOKO, Inc TK14600MBX Datasheet HTML 7Page - TOKO, Inc TK14600MBX Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
January 2000 TOKO, Inc.
Page 5
TK14600
PIN FUNCTION DESCRIPTION
V
CC = 3 V, fRF = 20 MHz, fOSC = 19 MHz, Injection Level:
-3 dBm, f
IF = 1 MHz
N
I
P
.
O
N
L
O
B
M
Y
SE
G
A
T
L
O
VT
I
U
C
R
I
C
T
N
E
L
A
V
I
U
Q
E
L
A
N
R
E
T
N
IN
O
I
T
P
I
R
C
S
E
D
1T
U
P
N
I
R
E
X
I
MV
5
9
.
0
n
i
P
t
u
p
n
I
F
R
r
e
x
i
M
g
n
i
t
a
r
e
p
o
e
h
T
o
t
p
u
s
i
e
g
n
a
r
y
c
n
e
u
q
e
r
f
.
z
H
M
0
4
y
ll
a
n
r
e
t
n
i
s
i
n
i
p
s
i
h
T
a
h
t
i
w
d
e
t
a
n
i
m
r
e
t
k
3
.
r
o
t
s
i
s
e
r
2T
U
P
T
U
O
R
E
X
I
MV
0
.
2n
i
P
t
u
p
t
u
O
r
e
x
i
M
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
e
h
T
k
1
s
i
Ω.
3D
N
G
n
i
P
D
N
G
4T
U
P
N
I
P
M
A
F
IV
3
.
2
.
n
i
P
t
u
p
n
I
r
e
i
f
il
p
m
A
F
I
s
i
e
c
n
a
d
e
p
m
i
t
u
p
n
i
e
h
T
k
1
Ω.
s
i
n
i
a
g
e
g
a
t
l
o
v
e
h
T
.
B
d
8
2
y
l
e
t
a
m
i
x
o
r
p
p
a
r
e
i
f
il
p
m
a
F
I
e
h
T
o
t
p
u
s
i
e
g
n
a
r
y
c
n
e
u
q
e
r
f
.
z
H
M
3
5V
C
C
.
n
i
P
y
l
p
p
u
S
r
e
w
o
P
e
g
a
t
l
o
v
y
l
p
p
u
s
e
h
T
.
V
5
.
5
o
t
3
.
2
s
i
e
g
n
a
r
6T
U
P
T
U
O
P
M
A
F
IV
5
0
.
2
t
u
p
t
u
O
r
e
i
f
il
p
m
A
F
I
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
e
h
T
k
1
s
i
l
a
c
i
p
y
t
e
h
T
.
V
m
0
0
3
s
i
l
e
v
e
l
P
-
P
.
3.3 k
1 k
1 k
33 p
3.3 k
VCC
1 k
VCC
1 k
VCC
300
10 k
VCC


Similar Part No. - TK14600MBX

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TK14501 MURATA1-TK14501 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
logo
TOKO, Inc
TK14551V TOKO-TK14551V Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
TK14551V/14551 TOKO-TK14551V/14551 Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
TK14551VTL TOKO-TK14551VTL Datasheet
334Kb / 32P
   FM IF DETECTOR/AMPLIFIER
TK14552V TOKO-TK14552V Datasheet
263Kb / 2P
   Wide band AM / ASK IF IC for ETC
More results

Similar Description - TK14600MBX

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK10487 TOKO-TK10487 Datasheet
1Mb / 6P
   NARROW BAND FM-IF AMPLIFIER
TK83361M TOKO-TK83361M Datasheet
155Kb / 15P
   NARROW BAND FM IF IC
logo
New Japan Radio
NJM2292 NJRC-NJM2292 Datasheet
230Kb / 7P
   NARROW BAND FM IF IC
logo
Hitachi Semiconductor
HA12442V HITACHI-HA12442V Datasheet
339Kb / 14P
   Narrow Band Width FM-IF
logo
New Japan Radio
NJM2292 NJRC-NJM2292_1 Datasheet
131Kb / 6P
   NARROW BAND FM IF IC
logo
AUK corp
SL5019 AUK-SL5019_1 Datasheet
83Kb / 6P
   LOW POWER NARROW BAND FM IF
logo
New Japan Radio
NJM3357 NJRC-NJM3357 Datasheet
138Kb / 3P
   LOW POWER NARROW BAND FM IF
logo
Tiger Electronic Co.,Lt...
MC3361D TGS-MC3361D Datasheet
218Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
AUK corp
SL5018P AUK-SL5018P Datasheet
126Kb / 5P
   LOW POWER NARROW BAND FM IF
logo
Daewoo Semiconductor
DBL5019 DAEWOO-DBL5019 Datasheet
270Kb / 6P
   LOW POWER NARROW BAND FM IF
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com