Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11147M Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK11147M
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11147M Datasheet(HTML) 4 Page - TOKO, Inc

  TK11147M Datasheet HTML 1Page - TOKO, Inc TK11147M Datasheet HTML 2Page - TOKO, Inc TK11147M Datasheet HTML 3Page - TOKO, Inc TK11147M Datasheet HTML 4Page - TOKO, Inc TK11147M Datasheet HTML 5Page - TOKO, Inc TK11147M Datasheet HTML 6Page - TOKO, Inc TK11147M Datasheet HTML 7Page - TOKO, Inc TK11147M Datasheet HTML 8Page - TOKO, Inc TK11147M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Page 4
March 1999 TOKO, Inc.
TK111xxM
TK111xxMCL ELECTRICAL CHARACTERISTICS TABLE 1
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
Test
Voltage
Code
Voltage
2.0 V
20
1.940 V
2.060 V
3.0 V
2.1 V
21
2.040 V
2.160 V
3.1 V
2.2 V
22
2.140 V
2.260 V
3.2 V
2.3 V
23
2.240 V
2.360 V
3.3 V
2.4 V
24
2.340 V
2.460 V
3.4 V
2.5 V
25
2.440 V
2.560 V
3.5 V
2.7 V
27
2.640 V
2.760 V
3.7 V
2.8 V
28
2.740 V
2.860 V
3.8 V
2.9 V
29
2.840 V
2.960 V
3.9 V
3.0 V
30
2.940 V
3.060 V
4.0 V
3.1 V
31
3.038 V
3.162 V
4.1 V
3.2 V
32
3.136 V
3.264 V
4.2 V
3.3 V
33
3.234 V
3.366 V
4.3 V
3.4 V
34
3.332 V
3.468 V
4.4 V
3.5 V
35
3.430 V
3.570 V
4.5 V
Output
Voltage
V
OUT(MIN)
V
OUT(MAX)
Test
Voltage
Code
Voltage
3.6 V
36
3.528 V
3.672 V
4.6 V
3.7 V
37
3.626 V
3.774 V
4.7 V
3.8 V
38
3.724 V
3.876 V
4.8 V
3.9 V
39
3.822 V
3.978 V
4.9 V
4.0 V
40
3.920 V
4.080 V
5.0 V
4.1 V
41
4.018 V
4.182 V
5.1 V
4.2 V
42
4.116 V
4.284 V
5.2 V
4.3 V
43
4.214 V
4.386 V
5.3 V
4.4 V
44
4.312 V
4.488 V
5.4 V
4.5 V
45
4.410 V
7.590 V
5.5 V
4.6 V
46
4.508 V
4.692 V
5.6 V
4.7 V
47
4.606 V
4.794 V
5.7 V
4.8 V
48
4.704 V
4.896 V
5.8 V
4.9 V
49
4.802 V
4.998 V
5.9 V
5.0 V
50
4.900 V
5.100 V
6.0 V


Similar Part No. - TK11147M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11147S TOKO-TK11147S Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11147SCL TOKO-TK11147SCL Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11147SIL TOKO-TK11147SIL Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11147M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXB TOKO-TK113XXB Datasheet
152Kb / 13P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com