Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCB20-900-RC Datasheet(PDF) 1 Page - Allied Components International

Part # UCB20-900-RC
Description  Ultra Current Beads
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

UCB20-900-RC Datasheet(HTML) 1 Page - Allied Components International

  UCB20-900-RC Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
UCB20
UCB20
15
All specifications subject to change without notice.
DCR
Max.
(
Ω)
Rated
Current
(mA)Max
Allied
Part
Number
Impedance (Ω)
Tolerance
(%)
Test
Freq.
UCB20-110-RC
UCB20-190-RC
UCB20-260-RC
UCB20-300-RC
UCB20-320-RC
UCB20-400-RC
UCB20-500-RC
UCB20-600-RC
UCB20-680-RC
UCB20-700-RC
UCB20-800-RC
UCB20-900-RC
UCB20-101-RC
UCB20-121-RC
11
19
26
30
32
40
50
60
68
70
80
90
100
120
25
25
25
25
25
25
25
25
25
25
25
25
25
25
100
100
100
100
100
100
100
100
100
100
100
100
100
100
.012
.012
.012
.012
.012
.012
.012
.012
.012
.012
.012
.012
.012
.012
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
6000
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
UCB20-330-RC
33
25
100
.012
6000
REVISED 5/28/09
UCB20-480-RC
48
25
100
.012
6000
MHz, 200mV
@ 100MHz
UCB20-151-RC
UCB20-181-RC
UCB20-221-RC
150
180
220
25
25
25
100
100
100
0.02
0.02
0.02
4500
4500
4500
Ultra Current Beads
Physical
Packaging: 3000 pieces per 7 inch reel
Marking: None
Features
• Ultra High Current
• Triple plated RoHS Compliant
Terminations
Electrical
Impedance range:
11Ω to 220Ω
Test Equipment
Tolerance: 25% over entire range
Operating Temp: -55ºC ~ +125ºC
Also, the rated current is de-rated above 85ºC
(RDC): Chen Hwa 502BC/HP4338B
(Z): HP4291A RF Impedance/Material
Analyzer
• Standard 1206 size
Rated Current: The current at which the
temperature rise shall be no more that 30ºC
Resistance to Solder Heat
Pre-Heat 150ºC, 1 minute
Solder Composition:
Sn/Ag3.0/Cu0.5(Pb-Free)
Solder Temp: 260ºC peak for 10 sec. ± 1 sec.
• Excellent Solderability
to approximately 1000mA at 125ºC
+/- 25%
UCB20-161-RC
160
25
100
0.02
4500
Dimensions:
Inches
(mm)


Similar Part No. - UCB20-900-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB20-900-RC ALLIED-UCB20-900-RC Datasheet
414Kb / 1P
   Ultra Current Beads
More results

Similar Description - UCB20-900-RC

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
UCB03 ALLIED-UCB03 Datasheet
390Kb / 1P
   Ultra Current Beads
UCB05 ALLIED-UCB05 Datasheet
390Kb / 1P
   Ultra Current Beads
UCB40 ALLIED-UCB40 Datasheet
345Kb / 1P
   Ultra Current Beads
UCB50-560T-RC ALLIED-UCB50-560T-RC Datasheet
344Kb / 1P
   Ultra Current Beads
UCB50-560T-RC ALLIED-UCB50-560T-RC_10 Datasheet
348Kb / 1P
   Ultra Current Beads
UCB04 ALLIED-UCB04 Datasheet
380Kb / 1P
   Ultra Current Beads
UCB10 ALLIED-UCB10 Datasheet
441Kb / 1P
   Ultra Current Beads
UCB40-600-RC ALLIED-UCB40-600-RC Datasheet
341Kb / 1P
   Ultra Current Beads
UCB10-110T-RC ALLIED-UCB10-110T-RC_10 Datasheet
439Kb / 1P
   Ultra Current Beads
UCB15-600T-RC ALLIED-UCB15-600T-RC_11 Datasheet
393Kb / 1P
   Ultra Current Beads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com