Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654 Datasheet(PDF) 16 Page - ON Semiconductor

Part # NCP1654
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button NCP1654_09 Datasheet HTML 12Page - ON Semiconductor NCP1654_09 Datasheet HTML 13Page - ON Semiconductor NCP1654_09 Datasheet HTML 14Page - ON Semiconductor NCP1654_09 Datasheet HTML 15Page - ON Semiconductor NCP1654_09 Datasheet HTML 16Page - ON Semiconductor NCP1654_09 Datasheet HTML 17Page - ON Semiconductor NCP1654_09 Datasheet HTML 18Page - ON Semiconductor NCP1654_09 Datasheet HTML 19Page - ON Semiconductor NCP1654_09 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
NCP1654
http://onsemi.com
16
Input and output power (Pin and Pout) are derived in (Equation 15) when the circuit efficiency η is obtained or assumed.
The variable Vac stands for the rms input voltage.
Pin +
Vac 2
Zin
+
2pRCS @ (Vcontrol * VCONTROL(min)) @ VREF @ Vac
2 RMRSENSEVoutKBO
(eq. 15)
T
(Vcontrol * VCONTROL(min))Vac
Vout
Pout + h Pin + h
2pRCS @ (Vcontrol * VCONTROL(min)) @ VREF @ Vac
2 RMRSENSEVoutKBO
(eq. 16)
T
(Vcontrol * VCONTROL(min))Vac
Vout
Follower Boost
The “Follower Boost” is an operation mode where the
pre−converter output voltage stabilizes at a level that varies
linearly versus the ac line amplitude. This technique aims
at reducing the gap between the output and input voltages
to optimize the boost efficiency and minimize the cost of
the PFC stage (refer to MC33260 data sheet for more
details at
http://www.onsemi.com ).
The NCP1654 operates in follower boost mode when
Vcontrol is constant, i.e. Vcontrolraises to its maximum value
VCONTROL(max). Re−formulate (Equation 16) to become
(Equation 17) and (Equation 18) by replace Vcontrol by
VCONTROL(max). If Vcontrol is constant based on
(Equation 15), for a constant load or power demand the
output voltage Vout of the converter is proportional to the
rms input voltage Vac. It means the output voltage Vout
becomes lower when the rms input voltage Vac becomes
lower. On the other hand, the output voltage Vout becomes
lower when the load or power demand becomes higher.
Pout + h
2pRCS @ (VCONTROL(max) * VCONTROL(min)) @ VREF @ Vac
2 RMRSENSEVoutKBO
(eq. 17)
+ h
2pRCS @ DVCONTROL @ VREF @ Vac
2 RMRSENSEVoutKBO
Vout + h
2pRCS @ DVCONTROL @ VREF
2 RMRSENSEKBO
@
Vac
Pout
(eq. 18)
where
VCONTROL(max) is the maximum control voltage.
DVCONTROL is the gap between VCONTROL(max) and
VCONTROL(min).
It is illustrated in Figure 39.
Figure 39. Follower Boost Characteristics
Vout (Traditional Boost)
Vout (Follower Boost)
Vin
Pout
Time
Time
Follower Boost Benefits
The follower boost circuit offers and opportunity to
reduce the output voltage Vout whenever the rms input
voltage Vac is lower or the power demand Pout is higher.
Because of the step−up characteristics of boost converter,
the output voltage Vout will always be higher than the input
voltage Vin even though Vout is reduced in follower boost
operation. As a result, the on time t1 is reduced. Reduction
of on time makes the loss of the inductor and power
MOSFET smaller. Hence, it allows cheaper cost in the
inductor and power MOSFET or allows the circuit
components to operate at a lower stress condition in most
of the time.
Reference Section
The internal reference voltage (VREF) is trimmed to be
±2% accurate over the temperature range (the typical value
is 2.5 V). VREF is the reference used for the regulation.
VREF also serves to build the thresholds of the fast transient
response, Overvoltage (OVP), brown out (BO), and
Undervoltage protections (UVP).
Output Feedback
The output voltage Vout of the PFC circuits is sensed at
Vfb pin via the resistor divider (RfbL and RfbU) as shown in
Figure 38. Vout is regulated as described in (Equation 19).
Vout + VREF
RfbU ) RfbL
RfbL
(eq. 19)


Similar Part No. - NCP1654_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD65R2G ONSEMI-NCP1654BD65R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654DR2 ONSEMI-NCP1654DR2 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1654DR2G ONSEMI-NCP1654DR2G Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
More results

Similar Description - NCP1654_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com