Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1654 Datasheet(PDF) 20 Page - ON Semiconductor

Part # NCP1654
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button NCP1654_09 Datasheet HTML 15Page - ON Semiconductor NCP1654_09 Datasheet HTML 16Page - ON Semiconductor NCP1654_09 Datasheet HTML 17Page - ON Semiconductor NCP1654_09 Datasheet HTML 18Page - ON Semiconductor NCP1654_09 Datasheet HTML 19Page - ON Semiconductor NCP1654_09 Datasheet HTML 20Page - ON Semiconductor NCP1654_09 Datasheet HTML 21Page - ON Semiconductor NCP1654_09 Datasheet HTML 22Page - ON Semiconductor NCP1654_09 Datasheet HTML 23Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
NCP1654
http://onsemi.com
20
Figure 45. Brown−Out Protection
+
-
BO
4
RboL
RboU
CBO
Vbo
Vin
+
Vac
+
IN
VboH / VboL
VboH = 1.3 V, VboL = 0.7 V
After Device Operates
Before Device Operates
Hence a larger hysteresis of the brown out comparator is
needed, which is 0.7 V typical in this device. When Vbo
goes below than VBOL (0.7 V typical), the device turns off
the Drive output and keeps it off till Vbo exceeds VBOH
(1.3 V typical). When the device awakes after an off−state
(Undervoltage lockout or shutdown), the default threshold
is VBOH.
Overpower Limitation (OPL)
This is a second OCP with a threshold that is line
dependent. Sense current Ics represents the inductor current
IL and hence represents the input current approximately.
Input voltage signal Vbo represents the rms input voltage.
The product (Ics ⋅ Vbo) represents an approximated input
power (IL ⋅ Vac). It is illustrated in Figure 46.
Figure 46. Over−Power Limitation
Current Mirror
>200 mVA?
OPL
+
RCS
ICS
CS
Vbo
4
3
RSENSE
Vin
IL
ICS + IL
RSENSE
RCS
When the product (Ics ⋅ Vbo) is greater than a permissible
level 200
mVA, the device turns off the drive output so that
the input power is limited. The OPL is automatically
deactivated when the product (Ics ⋅ Vbo) is lower than the
200
mVA level. This 200 mVA level corresponds to the
approximated input power (IL ⋅ Vac) to be smaller than the
particular expression in (Equation 23).
(eq. 23)
IcsVbo t 200 mVA
IL
RSENSE
RCS
@
22 KBO
p
@ Vac t 200 mVA
IL @ Vac t
RCS @ p
RSENSE @ KBO
@ 50 2 mVA
Bias the Controller
It is recommended to add a typical 1 nF to 100 nF
decoupling capacitor next to the Vcc pin for proper
operation. When the NCP1654 operates in follower boost
mode, the PFC output voltage is not always regulated at a
particular level under all application range of input voltage
and load power. It is not recommended to make a
low−voltage bias supply voltage by adding an auxiliary
winding on the PFC boost inductor. Alternatively, it is
recommended to get the Vcc biasing supply from the
2nd−stage power conversion stage.


Similar Part No. - NCP1654_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654BD133R2G ONSEMI-NCP1654BD133R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD200R2G ONSEMI-NCP1654BD200R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654BD65R2G ONSEMI-NCP1654BD65R2G Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
NCP1654DR2 ONSEMI-NCP1654DR2 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1654DR2G ONSEMI-NCP1654DR2G Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
More results

Similar Description - NCP1654_09

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1654 ONSEMI-NCP1654_11 Datasheet
234Kb / 23P
   Power Factor Controller for Compact and Robust Continuous Conduction Mode Pre-Converters
July, 2011 ??Rev. 4
NCP1654 ONSEMI-NCP1654 Datasheet
302Kb / 9P
   Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre?묬onverters
March, 2007 ??Rev. P0
NCP1655 ONSEMI-NCP1655 Datasheet
732Kb / 23P
   Power Factor Controller for Compact and Robust Multimode Pre-Converters
November, 2020 ??Rev. 0
NCP1654 ONSEMI-NCP1654_16 Datasheet
170Kb / 23P
   Continuous Conduction Mode Pre-Converters
January, 2016 ??Rev. 5
logo
Sanken electric
SSC2001S SANKEN-SSC2001S Datasheet
213Kb / 8P
   Power Factor Correction Continuous Conduction Mode Controller
logo
Infineon Technologies A...
ICE2PCS05 INFINEON-ICE2PCS05_10 Datasheet
500Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode
Version 1.2, 22 Mar 2010
logo
ON Semiconductor
NCP1653 ONSEMI-NCP1653 Datasheet
183Kb / 20P
   Compact, Fixed-Frequency, Continuous Conduction Mode PFC Controller
December, 2005 ??Rev. 4
NCP1653 ONSEMI-NCP1653_09 Datasheet
240Kb / 19P
   Compact, Fixed-Frequency Continuous Conduction Mode PFC Controller
August, 2009 ??Rev. 7
NCP1653 ONSEMI-NCP1653_07 Datasheet
183Kb / 19P
   Compact, Fixed?묯requency, Continuous Conduction Mode PFC Controller
March, 2007 ??Rev. 6
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01_11 Datasheet
464Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Version 2.3, 22 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com