Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP1654BD133R2G Datasheet(PDF) 9 Page - ON Semiconductor

Part No. NCP1654BD133R2G
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654BD133R2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP1654BD133R2G Datasheet HTML 5Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 6Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 7Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 8Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 9Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 10Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 11Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 12Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
NCP1654
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 14. Over−Power Current Threshold
(@VBO = 2.67 V & Vm = 3 V) vs. Temperature
Figure 15. Maximum Duty Cycle vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
60
70
80
90
100
110
95
96
97
98
99
100
Figure 16. Switching Frequency vs.
Temperature (65 kHz Version)
Figure 17. Switching Frequency vs.
Temperature (133 kHz Version)
TJ, JUNCTION TEMPERATURE (°C)
100
75
125
50
25
0
−25
−50
58
60
62
64
66
68
70
72
Figure 18. Switching Frequency vs.
Temperature (200 kHz Version)
125
100
75
50
25
0
−25
−50
TJ, JUNCTION TEMPERATURE (°C)
100
75
125
50
25
0
−25
−50
126
128
130
132
134
136
138
140
TJ, JUNCTION TEMPERATURE (°C)
100
75
125
50
25
0
−25
−50
180
185
190
195
200
205
210


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn