Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP1654BD133R2G Datasheet(PDF) 10 Page - ON Semiconductor

Part No. NCP1654BD133R2G
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654BD133R2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1654BD133R2G Datasheet HTML 6Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 7Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 8Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 9Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 10Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 11Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 12Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 13Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
NCP1654
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 19. Brown−Out Voltage Threshold
(Rising) vs. Temperature
Figure 20. Brown−Out Voltage Threshold
(Falling) vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
100
75
125
50
25
0
−25
−50
2.58
2.60
2.62
2.64
2.66
Figure 21. Multiplier Output Current (Vcontrol =
VCONTROL(max), Vbo = 0.9 V, ICS = 75 mA) vs.
Temperature
Figure 22. Over Voltage Threshold vs.
Temperature
TJ, JUNCTION TEMPERATURE (°C)
100
75
125
50
25
0
−25
−50
0
2
4
6
10
12
14
16
Figure 23. Ratio (Over Voltage Threshold /
VREF) vs. Temperature
Figure 24. UVP Activate and Deactivate
Threshold Ratio vs. Temperature
100
75
125
50
25
0
−25
−50
103
104
105
106
107
8
TJ, JUNCTION TEMPERATURE (°C)
2.5
3.5
4.5
5.5
6.5
7.5
125
100
75
50
25
0
−25
−50
TJ, JUNCTION TEMPERATURE (°C)
0.65
0.70
0.75
100
75
125
50
25
0
−25
−50
TJ, JUNCTION TEMPERATURE (°C)
100
75
125
50
25
0
−25
−50
1.20
1.25
1.30
1.35
1.40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn