Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP1654BD133R2G Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NCP1654BD133R2G
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654BD133R2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1654BD133R2G Datasheet HTML 1Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 2Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 3Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 4Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 5Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 6Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 7Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 8Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NCP1654
http://onsemi.com
2
MAXIMUM RATINGS TABLE
Symbol
Pin
Rating
Value
Unit
DRV
8
Output Drive Capability − Source
Output Drive Capability − Sink
−1.5
+1.5
A
VCC
7
Power Supply Voltage, VCC pin, continuous voltage
−0.3, +20
V
7
Transient Power Supply Voltage, duration < 10 ms, IVCC < 10 mA
+25
V
Vin
2, 3, 4, 5, 6
Input Voltage
−0.3, +10
V
PD(SO)
RqJA(SO)
Power Dissipation and Thermal Characteristics
D suffix, Plastic Package, Case 751
Maximum Power Dissipation @ TA = 70°C
Thermal Resistance Junction−to−Air
450
178
mW
°C/W
TJ
Operating Junction Temperature Range
−40 to +125
°C
TJmax
Maximum Junction Temperature
150
°C
TSmax
Storage Temperature Range
−65 to +150
°C
TLmax
Lead Temperature (Soldering, 10 s)
300
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Pins 1 – 8: Human Body Model 2000 V per MIL−STD−883, Method 3015.
Pins 1 – 8: Machine Model Method 200 V (except pin#7 which complies 150 V)
2. This device contains Latch−up Protection and exceeds ±100 mA per JEDEC Standard JESD78.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn