Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

NCP1654BD133R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NCP1654BD133R2G
Description  Power Factor Controller for Compact and Robust, Continuous Conduction Mode Pre-Converters
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1654BD133R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1654BD133R2G Datasheet HTML 1Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 2Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 3Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 4Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 5Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 6Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 7Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 8Page - ON Semiconductor NCP1654BD133R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
NCP1654
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS TABLE (VCC = 15 V, TJ from −40°C to +125°C, unless otherwise specified) (Note 3)
Symbol
Unit
Max
Typ
Min
Rating
OVERVOLTAGE PROTECTION
VOVP / VREF
Ratio (Overvoltage Threshold / VREF)
103
105
107
%
TOVP
Propagation Delay (VFB – 107% VREF) to Drive Low
500
ns
UNDERVOLTAGE PROTECTION / SHUTDOWN
VUVP(on)/VREF UVP Activate Threshold Ratio (TJ = 0°C to +105°C)
4
8
12
%
VUVP(off)/VREF UVP Deactivate Threshold Ratio (TJ = 0°C to +105°C)
6
12
18
%
VUVP(H)
UVP Lockout Hysteresis
4
%
TUVP
Propagation Delay (VFB < 8% VREF) to Drive Low
500
ns
THERMAL SHUTDOWN
TSD
Thermal Shutdown Threshold
150
°C
HSD
Thermal Shutdown Hysteresis
30
°C
VCC UNDERVOLTAGE LOCKOUT SECTION
VCC(on)
Start−Up Threshold (Undervoltage Lockout Threshold, VCC rising)
9.6
10.5
11.4
V
VCC(off)
Disable Voltage after Turn−On (Undervoltage Lockout Threshold, VCC falling)
8.25
9.0
9.75
V
VCC(H)
Undervoltage Lockout Hysteresis
1.0
1.5
V
DEVICE CONSUMPTION
ISTUP
ICC1
ICC2
ISTDN
Power Supply Current:
Start−Up (@ VCC = 9.4 V)
Operating (@ VCC = 15 V, no load, no switching)
Operating (@ VCC = 15 V, no load, switching)
Shutdown Mode (@ VCC = 15 V and VFB = 0 V)
3.7
4.7
300
75
5.0
6.0
400
mA
mA
mA
mA
3. The above specification gives the targeted values of the parameters. The final specification will be available once the complete circuit charac-
terization has been performed.
NOTE:
IM +
Ics
VBO
4
Vcontrol * Vcontrol(min)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn