Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15220M Datasheet(PDF) 4 Page - TOKO, Inc

Part # TK15220M
Description  Audio Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15220M Datasheet(HTML) 4 Page - TOKO, Inc

  TK15220M Datasheet HTML 1Page - TOKO, Inc TK15220M Datasheet HTML 2Page - TOKO, Inc TK15220M Datasheet HTML 3Page - TOKO, Inc TK15220M Datasheet HTML 4Page - TOKO, Inc TK15220M Datasheet HTML 5Page - TOKO, Inc TK15220M Datasheet HTML 6Page - TOKO, Inc TK15220M Datasheet HTML 7Page - TOKO, Inc TK15220M Datasheet HTML 8Page - TOKO, Inc TK15220M Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Page 4
June 1999 TOKO, Inc.
TK15220
TOTAL HARMONIC DISTORTION (FIGURE 4)
Use the lower distortion oscillator for this measurement
because the distortion of the TK15220 is very low.
1) Pin 4 is in the open condition, or high level.
2) Connect a distortion analyzer to Pin 2.
3) Input the sine wave (1 kHz, 1 Vrms) to Pin 1.
4) Measure the distortion of Pin 2. This value is the
distortion of Ach.
5) Next connect Pin 4 to the V
CC, or high level.
6) Input the same sine wave to Pin 3.
7) Measure in the same way. This value is the distortion
of Bch.
VOLTAGE GAIN (FIGURE 5)
This is the output level against the input level.
1) Pin 4 is in the open condition, or low level.
2) Connect AC volt meters to Pin 1 and Pin 3.
(Using the same type meter is best)
3) Input a sine wave (1 kHz) to Pin 1 (f = optional up to max.
20 kHz, 1 Vrms).
4) Measure the level of Pin 1 and name this V1.
5) Measure the level of Pin 2 and name this V2.
6) Calculate Gain = 20 Log (( |V2 - V1| )/V1)
V1<V2 = + Gain, V1>V2 = - Gain
This value is the voltage gain of Ach.
7) Next, connect Pin 4 to the GND, or high level.
8) Input the same sine wave to Pin 3.
9) Measure and calculate in the same way.
This value is the voltage gain of Bch.
TEST CIRCUITS AND METHODS (CONT.)
VCC
+
+
~
THD
Figure 4
VCC
+
+
~
V
~
V
~
V1
V2
Figure 5
MAXIMUM INPUT LEVEL (FIGURE 6)
This measurement measures at the output side.
1) Pin 4 is in the open condition, or low level.
2) Connect a distortion analyzer and an AC volt meter to
Pin 2.
3) Input a sine wave (1 kHz) to Pin 1 and elevate the voltage
from 0 V gradually until the distortion gets to 0.1% at Pin
2.
4) When the distortion amounts to 0.1%, stop elevating and
measure the AC level of Pin 2.
This value is the maximum input level of Ach.
5) Next, connect Pin 4 to the V
CC, or high level.
6) Input the same sine wave to Pin 2.
7) Measure in the same way.
This value is the maximum input level of Bch.
VCC
+
+
~
V
~
THD
Figure 6


Similar Part No. - TK15220M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210M TOKO-TK15210M Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210MTL TOKO-TK15210MTL Datasheet
94Kb / 12P
   Audio Analog Switch
TK15210MTL/S1 TOKO-TK15210MTL/S1 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
   Audio Analog Switch
More results

Similar Description - TK15220M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
   Audio Analog Switch
TK15327 TOKO-TK15327 Datasheet
216Kb / 12P
   Audio Analog Switch
TK15329 TOKO-TK15329 Datasheet
209Kb / 16P
   Audio Analog Switch
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
TK15325 TOKO-TK15325 Datasheet
207Kb / 12P
   Audio Analog Switch
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15323 TOKO-TK15323 Datasheet
201Kb / 12P
   Audio Analog Switch
TK15326 TOKO-TK15326 Datasheet
210Kb / 12P
   Audio Analog Switch
TK15324 TOKO-TK15324 Datasheet
201Kb / 12P
   Audio Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com