Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK11347B Datasheet(PDF) 7 Page - TOKO, Inc

Part # TK11347B
Description  VOLTAGE REGULATOR WITH ON/OFF SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK11347B Datasheet(HTML) 7 Page - TOKO, Inc

Back Button TK11347B Datasheet HTML 3Page - TOKO, Inc TK11347B Datasheet HTML 4Page - TOKO, Inc TK11347B Datasheet HTML 5Page - TOKO, Inc TK11347B Datasheet HTML 6Page - TOKO, Inc TK11347B Datasheet HTML 7Page - TOKO, Inc TK11347B Datasheet HTML 8Page - TOKO, Inc TK11347B Datasheet HTML 9Page - TOKO, Inc TK11347B Datasheet HTML 10Page - TOKO, Inc TK11347B Datasheet HTML 11Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
May, 1997 TOKO, Inc.
Page 7
TK113xxB
DEFINITION AND EXPLANATION OF TECHNICAL TERMS
OUTPUT VOLTAGE (V
O)
The output voltage is specified with V
IN = (VO(TYP) + 1 V)
and I
O = 30 mA.
DROPOUT VOLTAGE (V
DROP)
The dropout voltage is the difference between the input
voltage and the output voltage at which point the regulator
starts to fall out of regulation. Below this value, the output
voltage will fall as the input voltage is reduced.
It is
dependent upon the load current and the junction tempera-
ture.
OUTPUT CURRENT (I
O MAX)
The rated output current is specified under the condition
where the output voltage drops 0.3 V below the value
specified with I
O = 30 mA. The input voltage is set to VO +1
V, and the current is pulsed to minimize temperature effect.
CONTINUOUS OUTPUT CURRENT (I
O)
Normal operated output current. This is limited by package
power dissipation.
PULSE OUTPUT CURRENT (I
O (PULSE))
Max pulsewidth 5ms, Duty cycle 12.5%: pulse load only
LINE REGULATION (LINE REG)
Line Regulation is the ability of the regulator to maintain a
constant output voltage as the input voltage changes. The
line regulation is specified as the input voltage is changed
from V
IN = VO + 1V to VIN = VO + 6V.
LOAD REGULATION (LOAD REG)
Load regulation is the ability of the regulator to maintain a
constant output voltage as the load current changes. It is
a pulsed measurement to minimize temperature effects
with the input voltage set to V
IN = VO +1 V.
The load
regulation is specified under two output current step condi-
tions of 1 mA to 60 mA and 1 mA to 100 mA.
QUIESCENT CURRENT (IQ)
The quiescent current is the current which flows through
the ground terminal under no load conditions (I
O = 0 mA)
.
RIPPLE REJECTION RATIO
Ripple rejection is the ability of the regulator to attenuate
the ripple content of the input voltage at the output. It is
specified with 100 mVrms, 400 Hz superimposed on the
input voltage, where V
IN = VO+ 1.5 V. The output decoupling
capacitor is set to 10
µF, the noise bypass capacitor is set
to 0.1
µF, and the load current is set to 30 mA. Ripple
rejection is the ratio of the ripple content of the output vs. the
input and is expressed in dB.
STANDBY CURRENT
Standby current is the current which flows into the regulator
when the output is turned off by the control function (V
CONT
= V
IN.) It is measured with VIN = 8 V (9 V for the 8 V output
device.)
SENSOR CIRCUIT
Over current sensor
The overcurrent sensor protects the device in the event
that the output is shorted to ground.
Thermal sensor
The thermal sensor protects the device in the event
that the junction temperature exceeds the safe value
(T
J = 150 °C). This temperature rise can be caused by
external heat, excessive power dissipation caused by
large input to output voltage drops, or excessive output
current. The regulator will shut off when the tempera-
ture exceeds the safe value. As the junction tempera-
tures decrease, the regulator will begin to operate
again. Under sustained fault conditions, the regulator
output will oscillate as the device turns off then resets.
Damage may occur to the device under extreme fault
conditions.
Reverse Voltage Protection
Reverse voltage protection prevents damage due to
the output voltage being higher than the input voltage.
This fault condition can occur when the output capaci-
tor remains charged and the input is reduced to zero,
or when an external voltage higher than the input
voltage is applied to the output side.


Similar Part No. - TK11347B

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11347B TOKO-TK11347B Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11347BMCB TOKO-TK11347BMCB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11347BMCL TOKO-TK11347BMCL Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11347BMIB TOKO-TK11347BMIB Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK11347BMIL TOKO-TK11347BMIL Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results

Similar Description - TK11347B

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
   VOLTAGE REGULATOR WITH ON/OFF SWITCH
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com