Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8312HFN Datasheet(PDF) 10 Page - Rohm

Part # BD8312HFN
Description  Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8312HFN Datasheet(HTML) 10 Page - Rohm

Back Button BD8312HFN Datasheet HTML 6Page - Rohm BD8312HFN Datasheet HTML 7Page - Rohm BD8312HFN Datasheet HTML 8Page - Rohm BD8312HFN Datasheet HTML 9Page - Rohm BD8312HFN Datasheet HTML 10Page - Rohm BD8312HFN Datasheet HTML 11Page - Rohm BD8312HFN Datasheet HTML 12Page - Rohm BD8312HFN Datasheet HTML 13Page - Rohm BD8312HFN Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BD8312HFN
Technical Note
10/14
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
(3) Output voltage setting
The internal standard voltage of the ERROR AMP is 1.0 V. Output voltage is acquired by Equation (4).
(4) DC/DC converter frequency response adjustment system
Condition for stable application
The condition for feedback system stability under negative feedback is that the phase delay is 135 °or less when gain is 1
(0dB).
Since DC/DC converter application is sampled according to the switching frequency, the bandwidth GBW of the whole
system (frequency at which gain is 0 dB) must be controlled to be equal to or lower than 1/10 of the switching frequency.
In summary, the conditions necessary for the DC/DC converter are:
- Phase delay must be 135°or lower when gain is 1 (0 dB).
- Bandwidth GBW (frequency when gain is 0 dB) must be equal to or lower than 1/10 of the switching frequency.
To satisfy those two points, R1, R2, R3, DS and RS in Fig. 30 should be set as follows.
[1] R1, R2, R3
BD8313HFN incorporates phase compensation devices of
R4=62kΩ and C2=200pF. These C2 and R1, R2, and R3
valuesdecide the primary pole that determines the bandwidth
of DC/DC converter.
Primary pole point frequency
DC/DC converter DC Gain
By Equations (1) and (2), the frequency fsw of point 0 dB under limitation of the bandwidth of the DC gain at the primary
pole point is as shown below.
fSW = fp×DC Gain =
×
×
It is recommended that fsw should be approx.10 kHz. When load response is difficult, it may be set at approx. 20 kHz.
By Equation (3), R1 and R2, which determine the voltage value, will be in the order of several hundred kΩ. If an
appropriate resistance value is not available since the resistance is so high and routing may cause noise, the use of R3
enables easy setting.
Vo=
×
1.0 [V] ・・・ (4)
R2
(R1+R2)
VREF
1.0V
VOUT
ERROR AMP
R1
R2
INV
FB
VOUT
C2
R1
R2
Rs
R4
Cs
R3
Inside of IC
・・・・
(1)
・・・・
(2)
2π A×(
+R3)×C2
fp=
1
R1×R2
R1+R2
DC Gain =A×
×
B
1
2πC2×(
+R3 )
(R1+R2)
(R1・R2)
1
・・・・
(3)
VO
VIN
B
1
VO
VIN
Fig.29 Setting of voltage feedback resistance
Fig.30 Example of phase compensation setting
A: Error AMP Gain
About 100dB = 10
5
B: Oscillator amplification = 0.5
VIN:
Input voltage
VOUT:
Output voltage


Similar Part No. - BD8312HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN Datasheet
487Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
1Mb / 25P
   1ch Synchronous Buck Converter Integrated MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
487Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN-TR ROHM-BD8312HFN-TR Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD8312HFN

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com