Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9152MUV Datasheet(PDF) 11 Page - Rohm

Part # BD9152MUV
Description  Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9152MUV Datasheet(HTML) 11 Page - Rohm

Back Button BD9152MUV Datasheet HTML 7Page - Rohm BD9152MUV Datasheet HTML 8Page - Rohm BD9152MUV Datasheet HTML 9Page - Rohm BD9152MUV Datasheet HTML 10Page - Rohm BD9152MUV Datasheet HTML 11Page - Rohm BD9152MUV Datasheet HTML 12Page - Rohm BD9152MUV Datasheet HTML 13Page - Rohm BD9152MUV Datasheet HTML 14Page - Rohm BD9152MUV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11/17
www.rohm.com
2009.05 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
BD9152MUV
Technical Note
Selection of components externally connected
1. Selection of inductor (L)
Current exceeding the current rating of the inductor results in magnetic saturation of the inductor, which decreases efficiency.
The inductor must be selected allowing sufficient margin with which the peak current may not exceed its current rating.
If VCC=5.0V, VOUT=1.2V, f=1.0MHz, ΔIL=0.3×1.5A=0.45A, for example,(BD9152MUV)
Select the inductor of low resistance component (such as DCR and ACR) to minimize dissipation in the inductor for better
efficiency.
2. Selection of output capacitor (CO)
The inductance significantly depends on output ripple current.
As seen in the equation (1), the ripple current decreases as the
inductor and/or switching frequency increases.
Δ
IL=
(VCC-VOUT)×VOUT
L×VCC×f
[A]・・・(1)
Appropriate ripple current at output should be 20% more or less of the
maximum output current.
Δ
IL=0.2×IOUTmax. [A]・・・(2)
L=
(VCC-VOUT)×VOUT
Δ
IL×VCC×f
[H]・・・(3)
(ΔIL: Output ripple current, and f: Switching frequency)
Output capacitor should be selected with the consideration on the stability region
and the equivalent series resistance required to smooth ripple voltage.
Output ripple voltage is determined by the equation (4):
Δ
VOUT=ΔIL×ESR [V]・・・(4)
(ΔIL: Output ripple current, ESR: Equivalent series resistance of output capacitor)
Rating of the capacitor should be determined allowing sufficient margin against
output voltage. A 22μF to 100μF ceramic capacitor is recommended.
Less ESR allows reduction in output ripple voltage.
Fig.34 Output capacitor
(5-1.2)×1.2
0.45×5×1.0M
L=
=2.02μ → 2.2[μH]
Δ
IL
VOUT
Fig.33 Output ripple current
IL
VCC
IL
L
Co
VCC
L
Co
VOUT
ESR


Similar Part No. - BD9152MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9152MUV ROHM-BD9152MUV Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV-E2 ROHM-BD9152MUV-E2 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results

Similar Description - BD9152MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8312HFN ROHM-BD8312HFN_11 Datasheet
436Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_10 Datasheet
528Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8312HFN ROHM-BD8312HFN Datasheet
444Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD8313HFN ROHM-BD8313HFN_11 Datasheet
560Kb / 18P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9153MUV ROHM-BD9153MUV Datasheet
517Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV_09 Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_09 Datasheet
512Kb / 18P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9161FVM ROHM-BD9161FVM Datasheet
405Kb / 15P
   Output 1.5A or Less High-efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9152MUV ROHM-BD9152MUV_10 Datasheet
606Kb / 17P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
BD9150MUV ROHM-BD9150MUV Datasheet
474Kb / 19P
   Output 1.5A or Less High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com