Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9540EFV Datasheet(PDF) 2 Page - Rohm

Part # BD9540EFV
Description  2ch Switching Regulators for Desktop PC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9540EFV Datasheet(HTML) 2 Page - Rohm

  BD9540EFV Datasheet HTML 1Page - Rohm BD9540EFV Datasheet HTML 2Page - Rohm BD9540EFV Datasheet HTML 3Page - Rohm BD9540EFV Datasheet HTML 4Page - Rohm BD9540EFV Datasheet HTML 5Page - Rohm BD9540EFV Datasheet HTML 6Page - Rohm BD9540EFV Datasheet HTML 7Page - Rohm BD9540EFV Datasheet HTML 8Page - Rohm BD9540EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
BD9540EFV
Technical Note
2/17
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Operating Conditions (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Input voltage
VIN
7.5
20
V
BOOT voltage
BOOT1, BOOT2
4.5
25
V
SW Voltage
SW1, SW2
-0.7
20
V
BOOT-SW voltage
BOOT1-SW1, BOOT2-SW2
4.5
5.5
V
Logic Input Voltage 1
EN1, EN2
0
20
V
Logic Input Voltage 2
CTL1, CTL2
0
5.5
V
Output Voltage
VOUT1, VOUT2
0.7
5.5
V
MIN ON Time
tonmin
-
100
ns
*This product should not be used in a radioactive environment.
*The range of the VOUT is limited by the voltage between VIN and VOUT.
Electrical characteristics
(Unless otherwise noted, Ta=25℃ VCC=5V, VIN=12V, VEN1=VEN2=3V, Vout1=1.5V, Vout2=1.05V)
Parameter
Symbol
Limit
Unit
Condition
Min.
Typ.
Max.
[General]
VIN Bias Current
IIN
-
1.6
2.5
mA
VIN Standby Current
IIN_stb
-
0
10
μA
VEN1=VEN2=0V
EN Low Voltage 1,2
VEN_low1,2
GND
-
0.3
V
EN High Voltage 1,2
VEN_high1,2
2.2
-
20
V
EN Bias Current 1,2
IEN1,2
-
1.5
5.0
μA
VEN1=VEN2=3V
[5V Linear Regulator]
5VReg Standby Voltage
5Vreg_stb
-
-
0.1
V
VEN1=VEN2=0V
5VReg Output Voltage
5VReg
4.8
5.0
5.2
V
VIN=7.5V to 20V
Ireg=0mA to 10mA
Maximum Current
IReg
50
-
-
mA
[Under-Voltage Lock-Out]
5VReg Threshold Voltage
5Vreg_UVLO
3.75
4.20
4.65
V
5VReg:Sweep up
5VReg Hysteresis Voltage
d5Vreg_UVLO
100
160
220
mV
5VReg:Sweep down
[OVP Block]
FB Threshold Voltage 1
FB_OVP1
0.92
1.02
1.12
V
FB Threshold Voltage 2
FB_OVP2
0.80
0.90
1.00
V
OVP delay time
tOVP
-
1.7
-
μs
[H
3RegTM Control Block]
ON Time1
ton1
290
390
490
ns
MIN OFF Time 1
toffmin1
200
380
-
ns
ON Time 2
ton2
110
210
310
ns
MIN OFF Time 2
toffmin2
200
380
-
ns
[FET Block]
HG High side ON Resistance 1,2 RHGhon1,2
-
5.5
11
HG Low side ON Resistance 1,2
RHGlon1,2
-
2.5
5
LG High side ON Resistance 1,2
RLGhon1,2
-
4
8
LG Low side ON Resistance 1,2
RLGlon1,2
-
2
4
[Over Current Protection Block]
Current Limit
Threshold Voltage 1,2
Vilim1,2
80
100
120
mV
RILIM=100kΩ
[Output Voltage Detection Block]
FB1 threshold(REF1) Voltage1
FB1-1
0.769
0.781
0.793
V
CTL1=0V, CTL2=0V
FB1 threshold(REF1) Voltage2
FB1-2
0.802
0.814
0.826
V
CTL1=5V, CTL2=0V
FB1 threshold(REF1) Voltage3
FB1-3
0.839
0.851
0.863
V
CTL1=0V, CTL2=5V
FB1 threshold(REF1) Voltage4
FB1-4
0.738
0.750
0.762
V
CTL1=5V, CTL2=5V
FB2 threshold(REF2) Voltage
FB2
0.738
0.750
0.762
V
CTL Low Voltage 1,2
VCTL_low1,2
GND
-
0.5
V
CTL High Voltage 1,2
VCTL_high1,2
VCC-0.5
-
VCC
V
FB1/2 Input Current
IFB1,2
-1
-
1
μA
VOUT Discharge Current
IVOUT1,2
5
10
-
mA
VOUT=1V, EN=0V
[SCP Block]
Threshold Voltage 1,2
Vthscp1,2
REF1,2×
0.60
REF1,2×
0.70
REF1,2×
0.80
V
SCP delay time
tSVP
-
28
-
μs


Similar Part No. - BD9540EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
More results

Similar Description - BD9540EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD95242MUV ROHM-BD95242MUV Datasheet
614Kb / 21P
   2ch Switching Regurators for Desktop PC
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
RICOH electronics devic...
R5322N RICOH-R5322N_07 Datasheet
369Kb / 25P
   120mA 2ch LDO REGULATORS
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com