Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95242MUV Datasheet(PDF) 10 Page - Rohm

Part # BD95242MUV
Description  2ch Switching Regurators for Desktop PC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95242MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD95242MUV Datasheet HTML 6Page - Rohm BD95242MUV Datasheet HTML 7Page - Rohm BD95242MUV Datasheet HTML 8Page - Rohm BD95242MUV Datasheet HTML 9Page - Rohm BD95242MUV Datasheet HTML 10Page - Rohm BD95242MUV Datasheet HTML 11Page - Rohm BD95242MUV Datasheet HTML 12Page - Rohm BD95242MUV Datasheet HTML 13Page - Rohm BD95242MUV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Technical Note
10/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Timing Chart
• Soft Start Function
Timer Latch Type Short Circuit Protection
Over Voltage Protection
Over current protection circuit
EN
SS
VOUT
IIN
TSS
Soft start time
Tss=
REF×Css
2.5μA(typ)
[sec]
Incoming current
IIN=
Co×VOUT
Tss
[A]
Soft start is exercised with the EN pin set high. Current
control takes effect at startup, enabling a moderate
output voltage “ramping start.” Soft start timing and
incoming current are calculated with formulas (2) and
(3) below.
Short protection kicks in when output falls to or below
REF × 1.4 (setting voltage ×0.7).
When the programmed time period (typ.=1ms) elapses,
output is latched OFF to prevent destruction of the IC.
Output voltage can be restored either by reconnecting
the EN pin or disabling UVLO.
(Css: Soft start capacitor; Co: Output capacitor)
・・・
(2)
・・・
(3)
VOUT
SCP
EN / UVLO
REF×1.4
150μs(typ)
or more
150μs(typ)
or less
150μs(typ)
Latch
VOUT
REF×2.35
OVP
EN / UVLO
When output rise to or above REF×2.35(output setting
voltage ×1.175), output over voltage protection is
exercised, and low side FET goes up maximum for
reducing output.(LG=High, HG=Low). When output falls
within the programmed time (typ=150μs), it returns to the
standard mode. When the programmed time period
elapses, output is latched OFF to prevent destruction of
the IC. Output voltage can be restored either by
reconnecting the EN pin or disabling UVLO.
During the normal operation, when VOUT becomes less
than reference voltage, HG becomes High during the
time tON . However, when inductor current exceeds ILIMIT
threshold, HG becomes OFF.
After 2.5μsec(typ), HG becomes ON again if the output
voltage is lower than the specific voltage level and IL is
lower than ILIMIT level.
2.5μsec
tON
tON
HG
LG
IL
ILIMIT
tON
2×REF
increase Io
Vo


Similar Part No. - BD95242MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95242MUV ROHM-BD95242MUV Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
More results

Similar Description - BD95242MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9540EFV ROHM-BD9540EFV_09 Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD95242MUV ROHM-BD95242MUV_10 Datasheet
595Kb / 21P
   2ch Switching Regulator for Desktop PC
BD9540EFV ROHM-BD9540EFV Datasheet
502Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV Datasheet
650Kb / 18P
   2ch Switching Regulators for Desktop PC
BD9536FV ROHM-BD9536FV_10 Datasheet
492Kb / 19P
   2ch Switching Regulator for Desktop PC
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com