Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9873CP-V5E2 Datasheet(PDF) 1 Page - Rohm

Part # BD9873CP-V5E2
Description  Simple Step-down Switching Regulators with Built-in Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9873CP-V5E2 Datasheet(HTML) 1 Page - Rohm

  BD9873CP-V5E2 Datasheet HTML 1Page - Rohm BD9873CP-V5E2 Datasheet HTML 2Page - Rohm BD9873CP-V5E2 Datasheet HTML 3Page - Rohm BD9873CP-V5E2 Datasheet HTML 4Page - Rohm BD9873CP-V5E2 Datasheet HTML 5Page - Rohm BD9873CP-V5E2 Datasheet HTML 6Page - Rohm BD9873CP-V5E2 Datasheet HTML 7Page - Rohm BD9873CP-V5E2 Datasheet HTML 8Page - Rohm BD9873CP-V5E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
www.rohm.com
2009.07 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Single-chip Type with Built-in FET Switching Regulator Series
Simple Step-down
Switching Regulators
with Built-in Power MOSFET
BD9873CP-V5,BD9874CP-V5
Description
The BD9873,74CP-V5 single-channel step-down switching regulator incorporates a Pch MOSFET capable,
as well as circuitry that eliminates the need for external compensation – only a diode, coil, and ceramic capacitor are required –
reducing board size significantly.
Features
1) Maximum switching current : 1.5A, 3.0A
2) Built-in Pch FET ensures high efficiency
3) Output voltage adjustable via external resistors
4) High switching frequency : 110kHz (fixed)
5) Soft start time : 4ms (fixed)
6) Over current and thermal shutdown protection circuits built in
7) ON/OFF control via STBY pin
Applications
TVs, printers, DVD players, projectors, gaming devices, PCs, car audio/navigation systems, ETCs, communication equipment, AV
products, office equipment, industrial devices, and more.
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Ratings
Unit
Supply Voltage(VCC-GND)
Vcc
36
V
STBY-GND
VSTBY
36
V
OUT-GND
VOUT
36
V
INV-GND
VINV
5
V
Maximum Switching Current
Power Dissipation
Iout
1.5(*1) BD9873
A
3.0(*1) BD9874
A
Operating Temperature
Pd
2000(*2)
mW
Storage Temperature
Topr
-40~+85
Supply Voltage(VCC-GND)
Tstg
-55~+150
(*1) Do not exceed Pd, ASO.
(*2) Derated at 16mW/℃ over Ta=25℃
No.09027EAT39


Similar Part No. - BD9873CP-V5E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS-E2 ROHM-BD9870FPS-E2 Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9870FPS ROHM-BD9870FPS_09 Datasheet
372Kb / 12P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
BD9876AEFJ ROHM-BD9876AEFJ Datasheet
2Mb / 24P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
More results

Similar Description - BD9873CP-V5E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9701FP ROHM-BD9701FP_09 Datasheet
516Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9859EFJ ROHM-BD9859EFJ Datasheet
582Kb / 16P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD7957FS-E2 ROHM-BD7957FS-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP-E2 ROHM-BD9701FP-E2 Datasheet
475Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9G101G ROHM-BD9G101G Datasheet
1Mb / 23P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BU90002GWZ ROHM-BU90002GWZ Datasheet
659Kb / 24P
   Step-down Switching regulators with Built-in Power MOSFET
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9329AEFJ ROHM-BD9329AEFJ Datasheet
407Kb / 16P
   Simple Step-down Switching Regulator with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com