Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD95710MUV Datasheet(PDF) 4 Page - Rohm

Part # BD95710MUV
Description  2Phase Switching Regulator Controllers for Graphic Card
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD95710MUV Datasheet(HTML) 4 Page - Rohm

  BD95710MUV Datasheet HTML 1Page - Rohm BD95710MUV Datasheet HTML 2Page - Rohm BD95710MUV Datasheet HTML 3Page - Rohm BD95710MUV Datasheet HTML 4Page - Rohm BD95710MUV Datasheet HTML 5Page - Rohm BD95710MUV Datasheet HTML 6Page - Rohm BD95710MUV Datasheet HTML 7Page - Rohm BD95710MUV Datasheet HTML 8Page - Rohm BD95710MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
BD95710MUV
Technical Note
4/20
www.rohm.com
2009.04 - Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Pin Configuration
Pin Function Table
PIN No.
PIN Name
PIN Function
1
UGATE1
High Side FET Gate Drive Pin 1
2
BOOT1
Supply Voltage for UGATE1
3
5VCC
5V Regulator Output (Iomin=20mA)
4
AGND
Sense GND
5
BUSEN
Bus Enable, Power Supply Monitoring Pin
6
CSP1
Positive Input of Current Sensing 1
7
CSN1
Negative Input of Current Sensing 1
8
CSN2
Negative Input of Current Sensing 2
9
CSP2
Positive Input of Current Sensing 2
10
IMAX / IOUT
Current Limit/Output Current Indication
11
RT
PHASEitching Frequency Setting
12
AGND
Sense GND
13
FB
Output Voltage Feedback Pin
14
PGND
Power GND Pin
15
REFIN/EN
External Reference Input and Enable Pin
16
INREFOUT/ POK
Internal Reference Voltage Output and Power Good Output Pin
17
BOOT2
Supply Voltage for UGATE2
18
UGATE2
High Side FET Gate Drive Pin 2
19
PHASE2
switch Node for Channel 2
20
LGATE2
Low Side FET Gate Drive Pin 2
21
VCCDRV
Driver for External Linear Regulator
22
VCC
Supply Voltage Pin
23
LGATE1
Low Side FET Gate Drive Pin 1
24
PHASE1
PHASEitch Node for Channel 1
Exposed Pad
FIN
19
20
21
22
23
1
2
3
4
5
12
11
10
9
8
18
17
16
15
14
RT
IMAX/
IOUT/
CSP2
CSN2
BUSEN
AGND
5VCC
BOOT1
UGAT
LGATE
1
VCCDRV
VCC
LGATE2
PHASE2
UGATE2BOOT2
IREFOUT/
POK
REFIN/
EN
13
FB
24
7
CS1-
PHAS
E
6
CSP1
PGND
AGND


Similar Part No. - BD95710MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95700MUV ROHM-BD95700MUV Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD95700MUV-E2 ROHM-BD95700MUV-E2 Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD9575FV ROHM-BD9575FV Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
BD9575FV-E2 ROHM-BD9575FV-E2 Datasheet
586Kb / 21P
   Switching Regulators for DDR-SDRAM Cores
More results

Similar Description - BD95710MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD95700MUV ROHM-BD95700MUV Datasheet
501Kb / 21P
   2phase Switching Regulator Controllers for Graphic Card
BD9560MUV ROHM-BD9560MUV_09 Datasheet
740Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
BD9560MUV ROHM-BD9560MUV_10 Datasheet
549Kb / 22P
   Switching Regulator Controller for Graphic Chip Cores
logo
Hitachi Semiconductor
HA17451AP HITACHI-HA17451AP Datasheet
83Kb / 15P
   Switching Regulator Controllers for DC/DC Converters
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Sanyo Semicon Device
2SC3150 SANYO-2SC3150 Datasheet
94Kb / 3P
   For Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com