Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15328 Datasheet(PDF) 6 Page - TOKO, Inc

Part # TK15328
Description  Audio Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15328 Datasheet(HTML) 6 Page - TOKO, Inc

Back Button TK15328 Datasheet HTML 2Page - TOKO, Inc TK15328 Datasheet HTML 3Page - TOKO, Inc TK15328 Datasheet HTML 4Page - TOKO, Inc TK15328 Datasheet HTML 5Page - TOKO, Inc TK15328 Datasheet HTML 6Page - TOKO, Inc TK15328 Datasheet HTML 7Page - TOKO, Inc TK15328 Datasheet HTML 8Page - TOKO, Inc TK15328 Datasheet HTML 9Page - TOKO, Inc TK15328 Datasheet HTML 10Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Page 6
June 1999 TOKO, Inc.
TK15328
ISOLATION (FIGURE 8)
This is the cross talk between Ach and Bch.
1) Connect V
CC to Pin 8, Pin 5 is in the open condition, or
low level.
2) Connect AC volt meters to Pin 4 and Pin 3.
3) Connect a capacitor and a resistance to GND
from Pin 2.
4) Input a sine wave (10 kHz, 1 Vrms) to Pin 4.
5) Measure the level of Pin 4 and name this V4.
6) Measure the level of Pin 3 and name this V3.
7) Calculate:
ISO = 20 Log (V3 / V4)
This value is the isolation to Bch from Ach.
8) Next, reverse conditions at Pin 5 and Pin 8.
9) Change line of Pin 2 and Pin 4.
10) Input the same sine wave to Pin 2.
11) Measure and calculate in the same way.
This value is the isolation to Ach from Bch.
TEST CIRCUITS AND METHODS (CONT.)
Figure 7
Figure 8
SEPARATION (FIGURE 9)
This is the cross talk between 1ch and 2ch.
1) Connect either Pin 5 or Pin 8 to V
CC; one pin is in the open
condition, or low level.
2) Connect AC volt meters to Pin 4 (or Pin 2) and Pin 10.
3) Connect Pin 9 and Pin 11 to GND through capacitors
and a resistance.
4) Input a sine wave (10 kHz, 1 Vrms) to Pin 2 and Pin 4.
5) Measure the level of Pin 4 and name this V5.
6) Measure the level of Pin 10 and name this V6.
7) Calculate:
SEP = 20 Log (V6 / V5)
This value is the separation to 2ch from 1ch.
VCC
+
VEE
+
+
+
10 K
VCC
+
+
VEE
+


Similar Part No. - TK15328

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321M TOKO-TK15321M Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321MTL TOKO-TK15321MTL Datasheet
198Kb / 12P
   Audio Analog Switch
TK15321MTL/321 TOKO-TK15321MTL/321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
More results

Similar Description - TK15328

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15211 TOKO-TK15211 Datasheet
138Kb / 12P
   Audio Analog Switch
TK15327 TOKO-TK15327 Datasheet
216Kb / 12P
   Audio Analog Switch
TK15220 TOKO-TK15220 Datasheet
132Kb / 12P
   Audio Analog Switch
TK15329 TOKO-TK15329 Datasheet
209Kb / 16P
   Audio Analog Switch
TK15321 TOKO-TK15321 Datasheet
198Kb / 12P
   Audio Analog Switch
TK15322 TOKO-TK15322 Datasheet
199Kb / 12P
   Audio Analog Switch
TK15325 TOKO-TK15325 Datasheet
207Kb / 12P
   Audio Analog Switch
TK15210 TOKO-TK15210 Datasheet
94Kb / 12P
   Audio Analog Switch
TK15323 TOKO-TK15323 Datasheet
201Kb / 12P
   Audio Analog Switch
TK15326 TOKO-TK15326 Datasheet
210Kb / 12P
   Audio Analog Switch
TK15324 TOKO-TK15324 Datasheet
201Kb / 12P
   Audio Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com