Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGD1C476MCR Datasheet(PDF) 7 Page - Rohm

Part # TCFGD1C476MCR
Description  Chip tantalum capacitors with (Fail-safe open structure type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGD1C476MCR Datasheet(HTML) 7 Page - Rohm

Back Button TCFGD1C476MCR Datasheet HTML 3Page - Rohm TCFGD1C476MCR Datasheet HTML 4Page - Rohm TCFGD1C476MCR Datasheet HTML 5Page - Rohm TCFGD1C476MCR Datasheet HTML 6Page - Rohm TCFGD1C476MCR Datasheet HTML 7Page - Rohm TCFGD1C476MCR Datasheet HTML 8Page - Rohm TCFGD1C476MCR Datasheet HTML 9Page - Rohm TCFGD1C476MCR Datasheet HTML 10Page - Rohm TCFGD1C476MCR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TCFG series D Case
Tantalum capacitors
Rev.D
7/12
Packaging style
Case size
Packaging
Packaging style
Symbol
Basic ordering unit
Taping
Plastic taping
φ180mm reel
R
500
D Case
15.4
±1.0
Label sticking position
Reel
Plastic reel
EIAJ ET - 7200B compatible


Similar Part No. - TCFGD1C476MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGD1C107M8R ROHM-TCFGD1C107M8R Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1C107MCR ROHM-TCFGD1C107MCR Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGD1C227MCR ROHM-TCFGD1C227MCR Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results

Similar Description - TCFGD1C476MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C Datasheet
135Kb / 12P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com