Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15400 Datasheet(PDF) 1 Page - TOKO, Inc

Part # TK15400
Description  75 OHM VIDEO LINE DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15400 Datasheet(HTML) 1 Page - TOKO, Inc

  TK15400 Datasheet HTML 1Page - TOKO, Inc TK15400 Datasheet HTML 2Page - TOKO, Inc TK15400 Datasheet HTML 3Page - TOKO, Inc TK15400 Datasheet HTML 4Page - TOKO, Inc TK15400 Datasheet HTML 5Page - TOKO, Inc TK15400 Datasheet HTML 6Page - TOKO, Inc TK15400 Datasheet HTML 7Page - TOKO, Inc TK15400 Datasheet HTML 8Page - TOKO, Inc TK15400 Datasheet HTML 9Page - TOKO, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
January 2000 TOKO, Inc.
Page 1
TK15400
FEATURES
s Fixed Gain (6 dB)
s Internal 75
Drivers
s Very Small Output Capacitor Using SAG
Function Pin
s Active High ON/OFF Control
s Very Low Standby Current (typ. I
STBY 25 µA)
s Internal Summing Circuit of Y/C Signal
s Single +5 V Power Supply Operation
BLOCK DIAGRAM
TK15400
APPLICATIONS
s Video Equipment
s Digital Cameras
s CCD Cameras
s TV Monitors
s Video Tape Recorders
s LCD Projectors
75
Ω VIDEO LINE DRIVER
DESCRIPTION
Operating from a single +5 V supply, the TK15400 is a
triple video line driver IC that takes standard Y/C analog
inputs and provides simultaneous Y/C and composite
analog outputs for driving 75
Ω lines. Internal summing of
the Y and C inputs is performed to produce the composite
video output.
The luminance (Y) input is clamped at
1.25 V and amplified 6 dB to produce 2 V
P-P (typical) into
a series 75
Ω resistor and 75 Ω cable load. The internal
1.5 k SAG function resistor provides gain compensation
for low frequency signals. The chromanance (C) input is
biased at 2.0 V and amplified 6 dB to produce 1.3 V
P-P
(typical) into a series 75
Ω resistor and 75 Ω cable load.
During standby (Pin 5 grounded), the TK15400 consumes
only 113
µW of power. Nominal power dissipation (no
input) is typically 168 mW.
The TK15400M is available in the SSOP-12 Surface
Mount Package.
ORDERING INFORMATION
TAPE/REEL CODE
TL: Tape Left
Tape/Reel Code
TK15400M
Y-OUTPUT
VCC
Y-INPUT
GND
STANDBY
Y-SAG
CVBS-OUTPUT
CVBS-SAG
C-OUTPUT
GND
GND
C-INPUT
1.5 k
5 k
5 k
1.5 k
5 k
5 k
100 k
VCC


Similar Part No. - TK15400

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15403M TOKO-TK15403M Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15403MTL TOKO-TK15403MTL Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15403MTL/403 TOKO-TK15403MTL/403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results

Similar Description - TK15400

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15404 TOKO-TK15404 Datasheet
55Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com