Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGC0J107MCR Datasheet(PDF) 1 Page - Rohm

Part # TCFGC0J107MCR
Description  Chip tantalum capacitors with (Fail-safe open structure type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGC0J107MCR Datasheet(HTML) 1 Page - Rohm

  TCFGC0J107MCR Datasheet HTML 1Page - Rohm TCFGC0J107MCR Datasheet HTML 2Page - Rohm TCFGC0J107MCR Datasheet HTML 3Page - Rohm TCFGC0J107MCR Datasheet HTML 4Page - Rohm TCFGC0J107MCR Datasheet HTML 5Page - Rohm TCFGC0J107MCR Datasheet HTML 6Page - Rohm TCFGC0J107MCR Datasheet HTML 7Page - Rohm TCFGC0J107MCR Datasheet HTML 8Page - Rohm TCFGC0J107MCR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TCFG series C Case
Tantalum capacitors
Rev.C
1/11
S
S
+
W
H
LW
Anode mark
2
1
Chip tantalum capacitors with
(Fail-safe open structure type)
TCFG series C Case
Features
Dimensions (Unit : mm)
1) Safety design by open function built - in.
2) Wide capacitance range
3) Screening by thermal shock.
Case code
LW1
W2
HS
C 6032-27(2412)
6.0 0.2
+−
2.2 0.1
+−
2.5 0.2
+−
1.3 0.2
+−
3.2 0.2
+−
Part No. Explanation
T C
C1 A
MC R
Rated Voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits : 2significant
figure representing the number of 0's.
C : Tape width (12mm)
R : Positive electrode on the side opposite to sprocket hole
F G
1 0 7
1
6
1
2
4
5
3
1
1
Series name
TCFG
2
Case code
TCFG
····· C
3
4
Capacitance
5
Taping
6
20%
M :
+−
4
CODE
6.3
0J
10
1A
16
1C
Rated voltage (V)
0G


Similar Part No. - TCFGC0J107MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGC0J157M8R ROHM-TCFGC0J157M8R Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFGC0J157MCR ROHM-TCFGC0J157MCR Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results

Similar Description - TCFGC0J107MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com