Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCFGC0J157MCR Datasheet(PDF) 11 Page - Rohm

Part # TCFGC0J157MCR
Description  Chip tantalum capacitors with (Fail-safe open structure type)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCFGC0J157MCR Datasheet(HTML) 11 Page - Rohm

Back Button TCFGC0J157MCR Datasheet HTML 4Page - Rohm TCFGC0J157MCR Datasheet HTML 5Page - Rohm TCFGC0J157MCR Datasheet HTML 6Page - Rohm TCFGC0J157MCR Datasheet HTML 7Page - Rohm TCFGC0J157MCR Datasheet HTML 8Page - Rohm TCFGC0J157MCR Datasheet HTML 9Page - Rohm TCFGC0J157MCR Datasheet HTML 10Page - Rohm TCFGC0J157MCR Datasheet HTML 11Page - Rohm TCFGC0J157MCR Datasheet HTML 12Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TCFG series C Case
Tantalum capacitors
Rev.C
11/11
Precautions
1) Do not allow solvent to come to a boil (kinetic energy increases).
Ultrasonic output
0.5W / cm
2 or less
Use a solvent with a high boiling point.
Lower solvent temperature.
2) Ultrasonic cleaning frequency
28 kHz or less
3) Keep cleaning time as short as possible.
4) Move item being cleaned.
Standing waves caused by the ultrasonic waves can cause stress to build up in part of the item being cleaned.
Reference
Kinetic energy = 2
× π × frequency ×
propagation
× speed × solvent density
2
× Ultrasonic output


Similar Part No. - TCFGC0J157MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFGC0J157MCR ROHM-TCFGC0J157MCR Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results

Similar Description - TCFGC0J157MCR

ManufacturerPart #DatasheetDescription
logo
Rohm
TCFG_D ROHM-TCFG_D Datasheet
121Kb / 13P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_12 Datasheet
185Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_C ROHM-TCFG_C_10 Datasheet
149Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_12 Datasheet
167Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_12 Datasheet
162Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_12 Datasheet
167Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A Datasheet
122Kb / 13P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_B ROHM-TCFG_B_10 Datasheet
151Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_A ROHM-TCFG_A_10 Datasheet
150Kb / 8P
   Chip tantalum capacitors (Fail-safe open structure type)
TCFG_D ROHM-TCFG_D_10 Datasheet
153Kb / 7P
   Chip tantalum capacitors with (Fail-safe open structure type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com