Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCM1A335M8R Datasheet(PDF) 2 Page - Rohm

Part # TCM1A335M8R
Description  Chip tantalum capacitors (Bottom surface electrode type)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCM1A335M8R Datasheet(HTML) 2 Page - Rohm

  TCM1A335M8R Datasheet HTML 1Page - Rohm TCM1A335M8R Datasheet HTML 2Page - Rohm TCM1A335M8R Datasheet HTML 3Page - Rohm TCM1A335M8R Datasheet HTML 4Page - Rohm TCM1A335M8R Datasheet HTML 5Page - Rohm TCM1A335M8R Datasheet HTML 6Page - Rohm TCM1A335M8R Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/6
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.04 - Rev.F
Data Sheet
TC Series M Case
Rated table
(
µF)
Rated voltage (V)
4
0G
1.0 (105)
0.68 (684)
0.47 (474)
M
1.5 (155)
2.2 (225)
3.3 (335)
4.7 (475)
M
6.8 (685)
10 (106)
M
M
M
MM
M
MM
MM
15 (156)
22 (226)
MM
33 (336)
M
2.5
0E
47 (476)
M
6.3
0J
10
1A
16
1C
20
1D
∗∗
Remark) Case size codes (M) in the above show products line-up.
∗ Under development
68 (686)
Marking
A s
A s
The indications listed below should be given on the surface of a capacitor.
(1) Polarity
: The polarity should be shown by
bar. (on the anode side)
(2) Rated DC voltage : Due to the small size of M case, a voltage code is used as shown below.
(3) Visual typical example
(1) voltage code
(2) capacitance code
Voltage
Code
Rated DC
Voltage (V)
g
j
A
C
4
e
2.5
6.3
10
16
Capacitance
Code
Nominal
Capacitance (
µF)
A
E
S
W
J
N
S
W
a
e
j
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
0.47
0.68
n33
s47
[M case]
note 1)
note 2) voltage code and capacitance code are variable with parts number
(1)
A
(2)
s


Similar Part No. - TCM1A335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCM1A105M ROHM-TCM1A105M Datasheet
152Kb / 14P
   Chip tantalum capacitors
TCM1A1064758R ROHM-TCM1A1064758R Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCM1A106K8R ROHM-TCM1A106K8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCM1A106M8R ROHM-TCM1A106M8R Datasheet
139Kb / 16P
   Chip tantalum capacitors with open-function built-in
TCM1A225M ROHM-TCM1A225M Datasheet
152Kb / 14P
   Chip tantalum capacitors
More results

Similar Description - TCM1A335M8R

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
   Chip tantalum capacitors(Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_10 Datasheet
150Kb / 7P
   Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
   Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com