Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

102C1-IR3 Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # 102C1-IR3
Description  RADIO / IR ENCODER TRANSMITTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

102C1-IR3 Datasheet(HTML) 2 Page - rfsolutions.ltd

  102C1-IR3 Datasheet HTML 1Page - rfsolutions.ltd 102C1-IR3 Datasheet HTML 2Page - rfsolutions.ltd 102C1-IR3 Datasheet HTML 3Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS102-9
July ‘06
©2006 Reg. No. 227 4001, England
Page 2
‘102 SERIES RADIO / IR ENCODER TRANSMITTERS
Power Supply
The circuit has been designed to operate from a single PP3 battery supply. This will provide in excess of
1,000,000 transmissions.
Note: reverse voltage polarity connection may cause damage to the circuit.
License Exemption (Radio Transmitters)
Europe: The transmitter encoders use ECM compliant radio transmitter modules and complies with
ETSI330-220 and ETSI300-683.
USA: This device complies with part 15 of the FCC Rules.
Operation is subject to the following two conditions:
1.
This device may not cause harmful interference, and
2.
This device must accept any interference received, including interference that may cause
undesired operation."
KEELOQ Protocol Configuration
Each encoder is supplied ready programmed with a unique random serial number. The decoder has the
ability to memorise this serial number using a simple learn procedure (please see decoder datasheet).
How does KEELOQ technology work?
KEELOQ is based on a code hopping algorithm which provides Rock Solid Security. KEELOQ uses
a programmable 64-bit encryption key that is unique to each device to generate 32-bit hopping
code. The key length and hopping code combination reduces the possibility of unwanted access,
due to code grabbing and code scanning, to essentially zero. Such CIA-like levels of security are
desirable, but many manufacturers would expect them to be cost-prohibitive. KEELOQ offers the
solution for affordable, Rock Solid Security that is the future of technology for the cars, homes and
offices we wish to protect.
Adding Additional Switches
Additional switches may be added through Connector J3. The four connections of J3-1, 2, 3, & 4
represent the four input lines to the HCS360 encoder device. These may be connected to a binary coded
decimal (bcd) input to obtain 1 of 16 states.
In addition to this, J3-7 = 5Vdc and J3-8, 9, 10 = GND.
Absolute Maximum Ratings
Supply Voltage (VCC to GND)
+5.5 to +15.8 Volts
Storage Temperature
-10°C to +70°C
Operating Temperature
0°C to +55°C
Dimensions
110mm x 65mm x 24mm
Electrical Characteristics
Min
Typical
Max
Dimension
Supply Voltage
8
9
12
V
Supply Current
11
14
21
mA
Frequency
315MHz FM
433MHz QM / FM Wideband
433MHz FM Narrow band
915MHz Narrow band
434.500
914.50
315.00
433.92
434.525
914.50
434.550
914.50
MHz
RF Output Power (ERP) @ 433 MHz
-
10
mW


Similar Part No. - 102C1-IR3

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
102C1-IR2 RFSOLUTIONS-102C1-IR2 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
More results

Similar Description - 102C1-IR3

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
102C1-433QR1 RFSOLUTIONS-102C1-433QR1 Datasheet
341Kb / 3P
   ??02 SERIES RADIO / IR ENCODER TRANSMITTERS
logo
AUREL S.p.A.
650201421G AUREL-650201421G Datasheet
138Kb / 1P
   4 Chs Keyfob Transmitters WITH KEELOQ ENCODER
15.10.2016 - Rev A
logo
rfsolutions.ltd
RF800 RFSOLUTIONS-RF800 Datasheet
347Kb / 9P
   Radio Encoder / Decoder IC?셲
logo
AUREL S.p.A.
650201001G AUREL-650201001G Datasheet
982Kb / 1P
   1 to 2 CHs keyfob transmitters WITH HT12E ENCODER
April 04-2016 -Rev A
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
CML Microcircuits
CMX808A CMLMICRO-CMX808A Datasheet
534Kb / 23P
   Family Radio CTCSS ?쁔ype 2??Encoder and Decoder
logo
AUREL S.p.A.
650200606G AUREL-650200606G Datasheet
88Kb / 1P
   1 to 3 Channels AM (OOK) SAW transmitters with HCS 300 Encoder
650200828G AUREL-650200828G Datasheet
413Kb / 1P
   434 MHz 2/4/6 Chs keyfob transmitters WITH KEELOQ HCS 301 ENCODER
November, 14-2011-Rev C
logo
Texas Instruments
SN75LVDS84 TI-SN75LVDS84 Datasheet
194Kb / 14P
[Old version datasheet]   FLATLINKE TRANSMITTERS
logo
Silicon image
SII1364 SILICONIMAGE-SII1364 Datasheet
111Kb / 2P
   PanelLink Transmitters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com