Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK15407M Datasheet(PDF) 2 Page - TOKO, Inc

Part # TK15407M
Description  75 OHM VIDEO LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

TK15407M Datasheet(HTML) 2 Page - TOKO, Inc

  TK15407M Datasheet HTML 1Page - TOKO, Inc TK15407M Datasheet HTML 2Page - TOKO, Inc TK15407M Datasheet HTML 3Page - TOKO, Inc TK15407M Datasheet HTML 4Page - TOKO, Inc TK15407M Datasheet HTML 5Page - TOKO, Inc TK15407M Datasheet HTML 6Page - TOKO, Inc TK15407M Datasheet HTML 7Page - TOKO, Inc TK15407M Datasheet HTML 8Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page 2
January 2000 TOKO, Inc.
TK15407
L
O
B
M
Y
SR
E
T
E
M
A
R
A
PS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
I
C
C
t
n
e
r
r
u
C
y
l
p
p
u
St
u
p
n
i
o
N1
.
5
10
.
1
2A
m
I
Y
B
T
S
t
n
e
r
r
u
C
y
l
p
p
u
S
y
b
d
n
a
t
Sd
e
d
n
u
o
r
G
3
n
i
P8
.
3
20
.
0
5A
µ
I
S
O
t
n
e
r
r
u
C
l
a
n
i
m
r
e
T
y
b
d
n
a
t
Se
d
o
m
y
b
d
n
a
t
S
n
i
3
n
i
P8
.
3
20
.
0
5A
µ
V
L
H
T
o
t
h
g
i
H
(
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
)
w
o
L
y
b
d
n
a
t
S
o
t
g
n
i
t
a
r
e
p
O
3
n
i
P
e
d
o
m
D
N
G1
.
03
.
0V
V
H
L
T
o
t
w
o
L
(
e
g
a
t
l
o
V
d
l
o
h
s
e
r
h
T
)
h
g
i
H
g
n
i
t
a
r
e
p
O
o
t
y
b
d
n
a
t
S
3
n
i
P
e
d
o
m
8
.
10
.
2V
C
C
V
V
P
M
C
e
g
a
t
l
o
V
p
m
a
l
Cl
a
n
i
m
r
e
t
t
u
p
n
I
l
a
n
g
i
S
Y
2
n
i
P0
1
.
19
2
.
10
5
.
1V
V
S
A
I
B
e
g
a
t
l
o
V
s
a
i
Bl
a
n
i
m
r
e
t
t
u
p
n
I
l
a
n
g
i
S
C
4
n
i
P5
3
.
26
6
.
25
9
.
2V
A
V
Gn
i
a
G
e
g
a
t
l
o
Vf
n
i
z
H
M
1
=2
.
57
.
52
.
6B
d
G
D)
l
a
n
g
i
S
Y
(
n
i
a
G
l
a
i
t
n
e
r
e
f
f
i
Dt
u
p
n
i
l
a
n
g
i
s
e
s
a
c
r
i
a
t
S0
.
3
-3
.
1
+0
.
3
+%
P
D)
l
a
n
g
i
S
Y
(
e
s
a
h
P
l
a
i
t
n
e
r
e
f
f
i
Dt
u
p
n
i
l
a
n
g
i
s
e
s
a
c
r
i
a
t
S0
.
3
-0
.
00
.
3
+g
e
d
r
fe
s
n
o
p
s
e
R
y
c
n
e
u
q
e
r
Ff
n
i
z
H
M
5
/
z
H
M
1
=3
.
0
-B
d
D
H
T
n
o
i
t
r
o
t
s
i
D
c
i
n
o
m
r
a
H
l
a
t
o
T
)
l
a
n
g
i
S
C
(
f
n
i
z
H
k
0
.
1
=4
.
05
.
1%
V
)
X
A
M
(
T
U
O
e
g
a
t
l
o
V
t
u
p
t
u
O
m
u
m
i
x
a
M
)
l
a
n
g
i
S
C
(
t
n
i
o
p
%
0
1
=
D
H
T9
.
01
.
1s
m
r
V
TK15407M ELECTRICAL CHARACTERISTICS
Test conditions: V
CC = 5.0 V, VIN = 1.0 VP-P, RL = 150 Ω, TA = 25 °C unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ........................................................... 6 V
Operating Voltage Range .............................. 4.5 to 5.5 V
Power Dissipation (Note 1) ................................ 200 mW
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -25 to +75
°C
Note 1: Power dissipation is 200 mW in free air. Derate at 1.6 mW/
°C for operation above 25°C.


Similar Part No. - TK15407M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15400M TOKO-TK15400M Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15400MTL TOKO-TK15400MTL Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15400MTL/400 TOKO-TK15400MTL/400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
More results

Similar Description - TK15407M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
   75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
   75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15412 TOKO-TK15412 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15414 TOKO-TK15414 Datasheet
70Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15415 TOKO-TK15415 Datasheet
69Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15410 TOKO-TK15410 Datasheet
64Kb / 8P
   75 OHM VIDEO LINE DRIVER
TK15404 TOKO-TK15404 Datasheet
55Kb / 8P
   75 OHM VIDEO LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com