Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAH20PR750JE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TAH20PR750JE
Description  20 Watt TO220 Package Thick Film Power
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TAH20PR750JE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TAH20PR750JE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
55
S T A N D A R D P A R T N U M B E R S
TAH Series
20 Watt TO220 Package
Thick Film Power
0.400–0.420"
(10.15–10.67mm)
0.630–0.650"
(16.00–16.52mm)
0.450–0.550"
(11.43–13.97mm)
0.100–0.160"
(2.54–4.06mm)
0.045–0.055"
(1.14–1.40mm)
0.026–0.034"
(0.66–0.86mm)
0.190–0.210"
(4.82–5.34mm)
0.115–0.135"
(2.92–3.44mm)
0.016–0.024"
(0.40–0.60mm)
0.060–0.080"
(1.52–2.04mm)
The TAH20 is a completely
encapsulated thick film resistor
in the TO220 package outline.
Rated for 20 watts @ 25°C
case temperature, these resis-
tors are electrically isolated,
and molded in a high tempera-
ture case.
Designed for heat sink
mounting, the symmetrical
package is ready for use with
snap-on style heat sinks (we
recommend use of thermal
grease). The TAH20 Series is
very low induction, and avail-
able in a wide range of resis-
tance values in standard 5%
tolerance. 1% tolerance avail-
able by special order.
F E A T U R E S
• 20 Watt Power Rating at 25°C
Case Temperature
• High Pulse Tolerant Design
• Quick-snap Molded Package
• Very Low Inductance Design
• Resistor Package Electrically
Isolated from Heat Sink
• Low Thermal Resistance to Heat
Sink @ RTH<6.25°C/W
• Tube Packaging Available
A P P L I C A T I O N S
• Frequency Conversion
• High Frequency Balancing
• Snubbers
S P E C I F I C A T I O N S
Electrical
Resistance Range: 0.05Ω to
10KΩ, other values available
upon request
Tolerance: ±5% std.
1% Available on request
Temperature Coefficient:
Referenced to 25°C,
ΔR taken at +105°C;
1 to 10Ω: ±(100ppm+0.002Ω)/°C
10Ω & up: ±50ppm/°C
Max Operating Voltage: 350V
Dielectric Strength: 1,800 VAC
Power Rating: 20W @ 25°C case
temperature; see derating curve,
below
Insulation Resistance:
10GΩ min.
Momentary Overload:
2x rated power for 5 seconds
where applied voltage ≤1.5 times
max. operating voltage. ΔR ±
(0.3% + 0.001Ω) max.
Terminal Material: Copper
Terminal Plating: Lead Free
Solder (97% Tin, 3% Silver)
Mounting: Requires the use of a
snap-on style heat sink. A ther-
mal compound should be prop-
erly applied.
Solder Process: The TAH20 can-
not exceed 260°C for more than
10 seconds during soldering
process.
T E S T D A T A
Load Life
MIL-R-39009, 2000 Hours @ Rated Pwr ΔR = ±(1.0% + 0.001) Ω
Thermal Shock
MIL-R-STD-202, Method 107, Cond. F ΔR = ±(0.3% + 0.001) Ω max
High Freq Vibration MIL-R-STD-202, Method 204, Cond. D ΔR = ±(0.2% + 0.001) Ω max
Terminal Strength
MIL-R-STD-202, Method 211, Cond. A ΔR = ±(0.2% + 0.001) Ω max
(Pull Test) 2.4N
Moisture Resistance MIL-R-STD-202, Method 106
ΔR = ±(0.5% + 0.01) Ω max
O R D E R I N G I N F O R M A T I O N
D E R A T I N G C U R V E
P U L S E - F O R M
Ohm Value
Example:
2R40 = 2.4 Ohms
2K40 = 2400 Ohms
Tolerance
F = 1%
J = 5% Standard
Series
T A H 2 0 P 1 0 R 0 J E
Package Code
RoHS Compliant
Non-compliant
version unavailable
Time, ms.
0.001
0.01
0.1
1
10
100
1,000
100,000
1
10
100
10,000
0.1
1,000
10,000
100,000
0.01
TAH20
TCH35
TDH35
175
100
Case Temperature,
°C
60
20
0
0
50
100
150
25
75
125
80
40
20/35
16/28
12/21
8/14
4/ 7
0
TAH/TCH
TCH
TAH
E-function, time between two pulses: 1 sec.
TAH20P100RJE
TAH20P10K0JE
TAH20P10R0JE
TAH20P150RJE
TAH20P15R0JE
TAH20P1K00JE
TAH20P1K50JE
TAH20P1R00JE
TAH20P1R50JE
TAH20P200RJE
TAH20P20R0JE
TAH20P220RJE
TAH20P22R0JE
TAH20P240RJE
TAH20P24R0JE
TAH20P2K00JE
TAH20P2K20JE
TAH20P2K40JE
TAH20P2R00JE
TAH20P2R20JE
TAH20P2R40JE
TAH20P330RJE
TAH20P33R0JE
TAH20P390RJE
TAH20P39R0JE
TAH20P3K30JE
TAH20P3K90JE
TAH20P3R30JE
TAH20P3R90JE
TAH20P470RJE
TAH20P47R0JE
TAH20P4K70JE
TAH20P4R70JE
TAH20P510RJE
TAH20P51R0JE
TAH20P5K10JE
TAH20P5R10JE
TAH20P750RJE
TAH20P75R0JE
TAH20P7K50JE
TAH20P7R50JE
TAH20PR050JE
TAH20PR100JE
TAH20PR150JE
TAH20PR200JE
TAH20PR220JE
TAH20PR240JE
TAH20PR330JE
TAH20PR390JE
TAH20PR470JE
TAH20PR510JE
TAH20PR750JE
Our friendly Customer
Service team can be
reached at 866-9-OHMITE
Check product availability at
www.ohmite.com


Similar Part No. - TAH20PR750JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TAH20PR750JE OHMITE-TAH20PR750JE Datasheet
326Kb / 2P
   Frequency Conversion
More results

Similar Description - TAH20PR750JE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TCH35P100RJE OHMITE-TCH35P100RJE Datasheet
157Kb / 1P
   35 Watt TO220 Package Thick Film Power
TBH25PR030JE OHMITE-TBH25PR030JE Datasheet
151Kb / 1P
   25 Watt TO220 Package Thick Film Power
TAH OHMITE-TAH Datasheet
326Kb / 2P
   20 Watt TO220 Package
TFH85P2R00JE OHMITE-TFH85P2R00JE Datasheet
98Kb / 1P
   85 Watt TO264 Package Thick Film Power
TEH70P2R00JE OHMITE-TEH70P2R00JE Datasheet
98Kb / 1P
   70 Watt TO247 Package Thick Film Power
TDH35PR100JE OHMITE-TDH35PR100JE Datasheet
160Kb / 1P
   35 Watt DPAK Package Thick Film Power Surface Mount
logo
List of Unclassifed Man...
TK20P1R00JE ETC2-TK20P1R00JE Datasheet
176Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
logo
Ohmite Mfg. Co.
TK20PR030JE OHMITE-TK20PR030JE Datasheet
492Kb / 1P
   20 and 15 Watt TO-220 Package Thick and Thin Film
logo
RCD COMPONENTS INC.
HDP220P-R010JB RCD-HDP220P-R010JB Datasheet
84Kb / 1P
   POWER THICK FILM ON STEEL RESISTORS TO126, TO220, and TO247, 25 to 100 WATT
logo
Bi technologies
BHP BITECH-BHP Datasheet
50Kb / 3P
   Noninductive Planar Low Cost, 20 Watt TO 220 Package Thick Film Resistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com